Electronic Components Datasheet Search
  English  ▼

X  

AD5751 Datasheet(PDF) 29 Page - Analog Devices

Part # AD5751
Description  Industrial I/V Output Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5751 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD5751 Datasheet HTML 24Page - Analog Devices AD5751 Datasheet HTML 25Page - Analog Devices AD5751 Datasheet HTML 26Page - Analog Devices AD5751 Datasheet HTML 27Page - Analog Devices AD5751 Datasheet HTML 28Page - Analog Devices AD5751 Datasheet HTML 29Page - Analog Devices AD5751 Datasheet HTML 30Page - Analog Devices AD5751 Datasheet HTML 31Page - Analog Devices AD5751 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Data Sheet
AD5751
Rev. D | Page 29 of 32
APPLICATIONS INFORMATION
TRANSIENT VOLTAGE PROTECTION
The AD5751 contains ESD protection diodes that prevent damage
from normal handling. The industrial control environment can,
however, subject I/O circuits to much higher transients. To protect
the AD5751 from excessively high voltage transients, external
power diodes and a surge current limiting resistor may be
required, as shown in Figure 55. The constraint on the resistor
value is that during normal operation the output level at IOUT
must remain within its voltage compliance limit of AVDD −
2.75 V and the two protection diodes and resistor must have
appropriate power ratings. Further protection can be added
with transient voltage suppressors if needed.
IOUT
AVDD
AVDD
AD5751
RP
RLOAD
Figure 55. Output Transient Voltage Protection
THERMAL CONSIDERATIONS
It is important to understand the effects of power dissipation
on the package and how it affects junction temperature. The
internal junction temperature should not exceed 125°C. The
AD5751 is packaged in a 32-lead, 5 mm × 5 mm LFCSP pack-
age. The thermal impedance, θJA, is 42°C/W. It is important that
the devices not be operated under conditions that cause the
junction temperature to exceed its limit. Worst-case conditions
occur when the AD5751 are operated from the maximum AVDD
(55 V) and driving the maximum current (24 mA) directly to
ground. The quiescent current of the AD5751 should also be
taken into account, nominally ~4 mA. The following calculations
estimate maximum power dissipation under these worst-case
conditions, and determine maximum ambient temperature based
on this. These figures assume that proper layout and grounding
techniques are followed to minimize power dissipation, as
outlined in the Layout Guidelines section.
Table 12. Thermal and Supply Considerations
Considerations
32-Lead LFCSP Package
Maximum allowed power dissipation when operating at an ambient
temperature of 85°C
W
95
.
0
42
85
125
=
−
=
−
JA
A
JMAX
θ
T
T
Maximum allowed ambient temperature when operating from a supply of
55 V and driving 24 mA directly to ground (include 4 mA for internal AD5751
current)
TJMAX − (PD × θJA) = 125 − ((55 × 0.028) × 42) = 60.3°C
Maximum allowed supply voltage when operating at an ambient
temperature of 85°C and driving 24 mA directly to ground
(
)
V
34
42
028
.
0
85
125
=
×
−
=
×
−
JA
DD
A
JMAX
θ
AI
T
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com