Electronic Components Datasheet Search
  English  ▼

X  

LT1997-2 Datasheet(PDF) 13 Page - Analog Devices

Part # LT1997-2
Description  Precision, Wide Voltage Range, Gain Selectable Funnel Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1997-2 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT1997-2 Datasheet HTML 9Page - Analog Devices LT1997-2 Datasheet HTML 10Page - Analog Devices LT1997-2 Datasheet HTML 11Page - Analog Devices LT1997-2 Datasheet HTML 12Page - Analog Devices LT1997-2 Datasheet HTML 13Page - Analog Devices LT1997-2 Datasheet HTML 14Page - Analog Devices LT1997-2 Datasheet HTML 15Page - Analog Devices LT1997-2 Datasheet HTML 16Page - Analog Devices LT1997-2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LT1997-2
13
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 1. Difference Amplifier with Dual-Supply
Operation (Gain = 0.1)
Introduction
The LT1997-2 is a precision, high voltage funnel ampli-
fier combined with a highly-matched resistor network. It
can easily be configured into many different gain circuits
without adding external components, as it will be shown
in this data sheet. The LT1997-2 provides the resistors
and op amp together in a small package in order to save
board space and reduce complexity. Highly accurate
measurement circuits can be easily constructed with the
LT1997-2. The circuits can be tailored to specific measure-
ment applications.
Common Mode Voltage Range
The common mode voltage range of the LT1997-2 is set
by the voltage range allowed on the LT1997-2’s input pins
and by the input voltage range of the internal op amp.
The internal op amp of LT1997-2 has 2 operating regions:
a) if the common-mode voltage at the inputs of the
internal op amp (VCMOP) is between V– and V+ – 1.75V,
the op amp operates in its normal region;
b) If VCMOP is between V+ – 1.75V and V– + 76V, the op
amp continues to operate, but in its Over-The-Top (OTT)
region with degraded performance (see Over-The-Top
Operation section of this data sheet for more detail).
The LT1997-2 will not operate correctly if the common-
mode voltage at the inputs of the internal op amp (VCMOP)
is below V–, but the part will not be damaged as long as
VCMOP is greater than V– – 25V and the junction tempera-
ture of the LT1997-2 does not exceed 150ºC.
The voltage on LT1997-2’s input pins should never be
higher than V– + 270V or lower than V– – 270V under any
circumstances.
The common-mode voltage at the inputs of the internal
op amp (VCMOP) is determined by the voltages on pins
+INA, +INB, +INC and REF (see the Calculating Input Volt-
age Range section). This condition is true provided that
the internal op amp’s output is not clipped and feedback
maintains the internal op amp’s inputs at the same voltage.
In addition to the limits mentioned above, the common
mode input voltage of the amplifier should be chosen so
that the input resistors do not dissipate too much power.
The power dissipated in a 250k resistor must be less than
1.8W. It must be less than 0.9W for the 125k resistor and
less than 0.72W for the 100k resistor. For most applica-
tions, the pin voltage limitations will be reached before
the resistor power limitation is reached.
Calculating Input Voltage Range
Figure 2 shows the LT1997-2 in the generalized case
of a difference amplifier, with the inputs shorted for the
common mode calculation. The values of RF and RG are
dictated by how the positive inputs (+INA, +INB, +INC)
and REF pin are connected.
By superposition we can write:
VCMOP = VEXT •
RF
RF + RG
+ VREF •
RG
RF + RG
Or, solving for VEXT:
VEXT = VCMOP • 1+
RG
RF
⎛
⎝⎜
⎞
⎠⎟
– VREF •
RG
RF
But valid VCMOP voltages are limited to VS+ – 1.75V (or
VS– + 76V for OTT) on the high side and VS– on the low
side, so:
MAX VEXT = VS+ –1.75
(
) • 1+
RG
RF
⎛
⎝⎜
⎞
⎠⎟
– VREF •
RG
RF
19972 F01
OUT
REF
250k
250k
100k
125k
25k
125k
100k
25k
–INA –INB –INC
+INA +INB +INC
V–
V+
SHDN
VS+
VS–
VOUT
VREF
V–IN
V+IN
LT1997-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com