Electronic Components Datasheet Search
  English  ▼

X  

LT1997-2 Datasheet(PDF) 2 Page - Analog Devices

Part # LT1997-2
Description  Precision, Wide Voltage Range, Gain Selectable Funnel Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1997-2 Datasheet(HTML) 2 Page - Analog Devices

  LT1997-2 Datasheet HTML 1Page - Analog Devices LT1997-2 Datasheet HTML 2Page - Analog Devices LT1997-2 Datasheet HTML 3Page - Analog Devices LT1997-2 Datasheet HTML 4Page - Analog Devices LT1997-2 Datasheet HTML 5Page - Analog Devices LT1997-2 Datasheet HTML 6Page - Analog Devices LT1997-2 Datasheet HTML 7Page - Analog Devices LT1997-2 Datasheet HTML 8Page - Analog Devices LT1997-2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LT1997-2
2
Rev 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltages (V+ to V–)........................................60V
+INA, –INA, +INB, –INB,
+INC, –INC (Note 2).........................................V– ±270V
REF, REF1, REF2..................... (V– + 60V) to (V– – 0.3V)
SHDN ..................................... (V+ + 0.3V) to (V– – 0.3V)
Output Current (Continuous) (Note 6)....................50mA
Output Short-Circuit Duration
(Note 3) ..........................................Thermally Limited
(Note 1)
1
3
4
5
6
7
+INA
+INB
NC
+INC
SHDN
REF
–INA
–INB
NC
–INC
V+
OUT
15
V–
14
12
11
10
9
8
TOP VIEW
DF PACKAGE
14(12)-LEAD (4mm × 4mm) PLASTIC DFN
TJMAX = 150°C, θJA = 45°C/W , θJC = 3°C/W
EXPOSED PAD (PIN 15) IS V–, MUST BE SOLDERED TO PCB
1
3
5
6
7
8
+INA
+INB
+INC
REF1
REF2
V–
16
14
12
11
10
9
–INA
–INB
–INC
V+
SHDN
OUT
TOP VIEW
MS PACKAGE
VARIATION: MS16 (12)
16-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 130°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED
TEMPERATURE RANGE
LT1997IDF-2#PBF
LT1997IDF-2#TRPBF
19972
14-Lead (4mm × 4mm) Plastic DFN
–40°C to 85°C
LT1997HDF-2#PBF
LT1997HDF-2#TRPBF
19972
14-Lead (4mm × 4mm) Plastic DFN
–40°C to 125°C
LT1997IMS-2#PBF
LT1997IMS-2#TRPBF
19972
16-Lead Plastic MSOP
–40°C to 85°C
LT1997HMS-2#PBF
LT1997HMS-2#TRPBF
19972
16-Lead Plastic MSOP
–40°C to 125°C
*The temperature grade is identified by a label on the shipping container. Consult ADI Marketing for parts specified with wider operating temperature ranges.
Parts ending with PBF are RoHS and WEEE compliant.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
Temperature Range (Notes 4, 5)
LT1997I-2.................................................–40 to 85°C
LT1997H-2 ............................................. –40 to 125°C
Maximum Junction Temperature .......................... 150°C
Storage Temperature Range ......................–65 to 150°C
MSOP Lead Temperature (Soldering, 10 sec)........ 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com