Electronic Components Datasheet Search
  English  ▼

X  

KIA7818AF Datasheet(PDF) 8 Page - KEC(Korea Electronics)

Part # KIA7818AF
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA7818AF Datasheet(HTML) 8 Page - KEC(Korea Electronics)

Back Button KIA7818AF Datasheet HTML 4Page - KEC(Korea Electronics) KIA7818AF Datasheet HTML 5Page - KEC(Korea Electronics) KIA7818AF Datasheet HTML 6Page - KEC(Korea Electronics) KIA7818AF Datasheet HTML 7Page - KEC(Korea Electronics) KIA7818AF Datasheet HTML 8Page - KEC(Korea Electronics) KIA7818AF Datasheet HTML 9Page - KEC(Korea Electronics) KIA7818AF Datasheet HTML 10Page - KEC(Korea Electronics) KIA7818AF Datasheet HTML 11Page - KEC(Korea Electronics) KIA7818AF Datasheet HTML 12Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
2002. 9. 24
8/17
KIA7805AF~KIA7824AF
Revision No : 2
KIA7815AF
ELECTRICAL CHARACTERISTICS (VIN=23V, IOUT=500mA, 0
Tj 125 )
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
1
Tj=25 , IOUT=100mA
14.4
15.0
15.6
V
Input Regulation
Reg line
1
Tj=25
17.5V VIN 30V
-
11
300
mV
20V VIN 26V
-
3
150
Load Regulation
Reg load
1
Tj=25
5mA IOUT 1.4A
-
12
300
mV
250mA IOUT 750mA
-
4
150
Output Voltage
VOUT
1
17.5V VIN 30V
5.0mA IOUT 1.0A, Po 15W
14.25
-
15.75
V
Quiescent Current
IB
1
Tj=25 , IOUT=5mA
-
4.4
8.0
mA
Quiescent Current Change
IB
1
17.5V VIN 30V
-
-
1.0
mA
Output Noise Voltage
VNO
1
Ta=25 , 10Hz f 100kHz
IOUT=50mA
-
110
-
Vrms
Ripple Rejection Ratio
RR
1
f=120Hz, 18.5V VIN 28.5V,
IOUT=50mA, Tj=25
54
70
-
dB
Dropout Voltage
VD
1
IOUT=1.0A, Tj=25
-
2.0
-
V
Short Circuit Current Limit
ISC
1
Tj=25
-
0.5
-
A
Average Temperature
Coefficient of Output Voltage
TCVO
1
IOUT=5mA, 0
Tj 125
-
-2.0
-
mV/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com