Electronic Components Datasheet Search
  English  ▼

X  

KIA7818AF Datasheet(PDF) 13 Page - KEC(Korea Electronics)

Part # KIA7818AF
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA7818AF Datasheet(HTML) 13 Page - KEC(Korea Electronics)

Back Button KIA7818AF Datasheet HTML 9Page - KEC(Korea Electronics) KIA7818AF Datasheet HTML 10Page - KEC(Korea Electronics) KIA7818AF Datasheet HTML 11Page - KEC(Korea Electronics) KIA7818AF Datasheet HTML 12Page - KEC(Korea Electronics) KIA7818AF Datasheet HTML 13Page - KEC(Korea Electronics) KIA7818AF Datasheet HTML 14Page - KEC(Korea Electronics) KIA7818AF Datasheet HTML 15Page - KEC(Korea Electronics) KIA7818AF Datasheet HTML 16Page - KEC(Korea Electronics) KIA7818AF Datasheet HTML 17Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
2002. 9. 24
13/17
KIA7805AF~KIA7824AF
Revision No : 2
KIA78xxAF
APPLICATION CIRCUIT
VOUT
VIN
*I1
IN
V
B
I
OUT
V
KIA78xxAF
VZ
(a) Voltage boost by use of zener diode
(1) VOLTAGE BOOST REGULATOR
OUT
V
= VOUT (IC) + VZ
*I1 >
=
VOUT (IC)
R1
=
>
*I1
5mA
(b) Voltage boost by use of resistor
( 1+
OUT(IC)
V
=
VOUT
R2
R1
)+ R2 . I B
)
R1
R2
OUT
V
= VOUT(IC) ( 1+
(c) Adjustable output regulator
KIA78xxAF
VOUT
VIN
KIA4558P/S
x
2
1
-
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com