Electronic Components Datasheet Search
  English  ▼

X  

C4V Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # C4V
Description  Miniature Power Switch allows 8A Loads Switching
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

C4V Datasheet(HTML) 1 Page - Omron Electronics LLC

  C4V Datasheet HTML 1Page - Omron Electronics LLC C4V Datasheet HTML 2Page - Omron Electronics LLC C4V Datasheet HTML 3Page - Omron Electronics LLC C4V Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
C
4
V
C4V
Miniature Power Switch
Miniature Power Switch
allows 8A Loads Switching
● Unique snap-action mechanism allows
large-capacity switching.
● Sharp snap feeling with firm switching action.
● Contact gap of 3 mm min.
● UL, cUL standards approved. Conforms to EN
standards.
RoHS Compliant (Please refer to "Precautions" for details.)
Ordering Information
Specifications
Approved Safety Standard
●UL (UL1054/CSA C22.2 No.55)
8A 250 VAC
●TÜV (EN61058-1)
8A 250 VAC
Switching Operation
Momentary
Alternate
Contact Forms
SPST
DPST
SPST
DPST
Models
C4V-811M-D
C4V-821M
C4V-811A-D
C4V-821A
Rating (resistive load)
8A 125/250 VAC
Ambient temperature
-10°C to +55°C 60%RH max. (with no icing or condensation)
Ambient humidity
45 to 85%RH (at +5 to 35°C)
Insulation resistance
100 M
Ω min. (at 500 VDC with insulation tester)
Contact resistance (initial value)
50 m
Ω max. (at 6 VDC 1A)
Dielectric
strength
Between terminals of the same
polarity
3,000 VAC 50/60Hz 1 min
Between terminals of different
polarity
3,000 VAC 50/60Hz 1 min
Between current-carrying
metal parts and ground
3,000 VAC 50/60Hz 1 min
Vibration resistance
Malfunction
10 to 55 Hz, 1.5 mm double amplitude
Shock resistance
Malfunction
147 m/s2 min.
Durability
Mechanical
10,000 operations min.
Electrical
10,000 operations min.
Degree of protection
IEC IP00
Operating force
7 N {714 gf} max.
2
1
2
1
4
3
2
1
2
1
4
3


Similar Part No. - C4V

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
C4V3 ZETEX-C4V3 Datasheet
36Kb / 3P
SOT23 SILICON PLANAR VOLTAGE REGULATOR DIODES
C4V7 ZETEX-C4V7 Datasheet
36Kb / 3P
SOT23 SILICON PLANAR VOLTAGE REGULATOR DIODES
logo
Vishay Siliconix
C4V7PH VISHAY-C4V7PH Datasheet
109Kb / 7P
Zener Diodes with Surge Current Specification
18-Mar-15
logo
Hammond Manufacturing L...
C4VCM73BK1 HAMMOND-C4VCM73BK1 Datasheet
103Kb / 2P
ARMOIRE POUR SERVEUR - MODELE ECONOMIQUE
More results

Similar Description - C4V

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SC4055 SHINDENGEN-2SC4055 Datasheet
523Kb / 12P
Switching Power Transistor(8A NPN)
2SC4056 SHINDENGEN-2SC4056 Datasheet
524Kb / 12P
Switching Power Transistor(8A NPN)
2SC4057 SHINDENGEN-2SC4057 Datasheet
513Kb / 12P
Switching Power Transistor(8A NPN)
2SC4580 SHINDENGEN-2SC4580 Datasheet
432Kb / 10P
Switching Power Transistor(8A NPN)
2SC4664 SHINDENGEN-2SC4664 Datasheet
418Kb / 9P
Switching Power Transistor(8A NPN)
2SC4834 SHINDENGEN-2SC4834 Datasheet
428Kb / 9P
Switching Power Transistor(8A NPN)
logo
Siemens Semiconductor G...
BTS630 SIEMENS-BTS630 Datasheet
133Kb / 8P
PWM Power Unit (The device allows continuous power control for lamps,LEDs or inductive loads.)
BTS730 SIEMENS-BTS730 Datasheet
49Kb / 7P
PWM Power Unit (The device allows continuous power control for lamps,LEDs or inductive loads.)
logo
ON Semiconductor
AND8130 ONSEMI-AND8130 Datasheet
40Kb / 4P
Analog Switch Allows USB Switching at Low Voltages
August, 2003 ??Rev. 0
logo
Omron Electronics LLC
G5CA-1A-E-DC12 OMRON-G5CA-1A-E-DC12 Datasheet
976Kb / 4P
Flat Relays that Switch 10A/15A Loads Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com