Electronic Components Datasheet Search
  English  ▼

X  

C4V Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # C4V
Description  Miniature Power Switch allows 8A Loads Switching
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

C4V Datasheet(HTML) 2 Page - Omron Electronics LLC

  C4V Datasheet HTML 1Page - Omron Electronics LLC C4V Datasheet HTML 2Page - Omron Electronics LLC C4V Datasheet HTML 3Page - Omron Electronics LLC C4V Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
C4V
Miniature Power Switch
C
4
V
Dimensions
(Units: mm)
Panel Cutout
8
±0.2
17.2±0.1
11.6
19±0.1
6.5
±0.1
4.75
12.25
±0.1
14.5
±0.2
12
13
10±0.1
6 ±0.1
FP
RP*
OP TTP
0.8
2-Quick Connect
Terminal (#187)
●SPST
* mark part: In case of the alternative model,
"RP" means "SP"
Operating Force
OF
7 N {714 gf} max.
Free Position
FP
24.0±0.2mm
Operating
Position
OP
21mm min.
Total Travel
Position
TTP
19.5±0.2mm
Releasing
Position
RP
21.5mm min.
Set Position
SP
21.4±0.3mm
17.2±0.1
11.6
19±0.1
4.75
0.8
13
6.5
±0.1
8±0.2
12.25
±0.1
14.5
±0.2
FP
RP* OP TTP
12
10±0.1
6 ±0.1
4-Quick Connect
Terminal (#187)
●DPST
* mark part: In case of the alternative model,
"RP" means "SP"
Operating Force
OF
7 N {714 gf} max.
Free Position
FP
24.0±0.2mm
Operating
Position
OP
21mm min.
Total Travel
Position
TTP
19.5±0.2mm
Releasing
Position
RP
21.5mm min.
Set Position
SP
21.4±0.3mm
Note. Unless otherwise specified, a tolerance of ±0.4 mm applies to all dimensions
described in the above figure.
X
Y
Z
Direction
Dimensions
(mm)
X
Y
Z
17.4
+0.15
0
13.2
+0.15
0
5.5
0
–0.15
The above figure is an example of the mounting method.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com