Electronic Components Datasheet Search
  English  ▼

X  

D2MV Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D2MV
Description  Miniature Basic Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2MV Datasheet(HTML) 2 Page - Omron Electronics LLC

  D2MV Datasheet HTML 1Page - Omron Electronics LLC D2MV Datasheet HTML 2Page - Omron Electronics LLC D2MV Datasheet HTML 3Page - Omron Electronics LLC D2MV Datasheet HTML 4Page - Omron Electronics LLC D2MV Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
D2MV
Miniature Basic Switch
D
2
M
V
Contact Specifications
*
Please refer to "
●Using Micro Loads" in "Precautions" for more
information on the minimum applicable load.
Terminals/Appearances (Unit:mm)
Mounting Holes (Unit: mm)
Item
Model
D2MV-1 models
D2MV-01 models
Contact
Specification
Needle
Twin crossbar
Material
Silver
Gold alloy
Gap (standard value)
0.5 mm
Inrush
current
NC
−
NO
Minimum applicable load
(reference value) *
5 VDC 30mA
5 VDC 1mA
Characteristics
Note. The data given above are initial values.
*1.
The values for dielectric strength shown are for models with a Separator (refer to "Micro Switch
Common Accessories").
*2.
The values are at Free Position and Total Travel Position values for pin plunger, and Total Travel
Position value for lever. Close or open circuit of the contact is 1ms max.
Item
Model
D2MV-1 models
D2MV-01 models
Permissible operating speed
1 mm to 1 m/s (for pin plunger models)
Permissible
operating
frequency
Mechanical
300 operations/min (for pin plunger models)
Electrical
60 operations/min
Insulation resistance
100M
Ω min. (at 500 VDC with insulation tester)
Contact resistance (initial value)
30 m
Ω max.
50 m
Ω max.
Dielectric
strength * 1
Between terminals of the same
polarity
1,000 VAC 50/60 Hz 1min
Between current-carrying metal
parts and ground
1,500 VAC 50/60 Hz 1min
Between each terminal and
non-current-carrying metal parts
1,500 VAC 50/60 Hz 1min
Vibration
resistance * 2
Malfunction
10 to 55 Hz, 1.5 mm double amplitude
Shock
resistance
Durability
Models with OF of 0.10N
150 m/s2 {approx. 15G} max.
Models with OF
between 0.25 to 0.49N
400 m/s2 {approx. 40G} max.
Malfunction * 2
100 m/s2 {approx. 10G} max.
Durability * 3
Mechanical
10,000,000 operations min. (60 operations/min)
Electrical
500,000 operations min.
(30 operations/min)
1,000,000 operations min.
(30 operations/min)
Degree of protection
IEC IP40
Ambient operating temperature
−25°C to +80°C (at ambient humidity of 60% max.)
(with no icing or condensation)
Ambient operating humidity
85% max. (for +5°C to +35°C)
Weight
Approx. 6g (pin plunger models)
Ratings
Note. The above rating values apply under the
following test conditions.
(1) Ambient temperature: 20±2°C
(2) Ambient humidity: 65±5%
(3) Operating frequency: 30 operations/min
Approved Safety Standard
UL (UL1054) /CSA (CSA C22.2 No.55)
Model
D2MV-1
models
D2MV-01
models
Rated
voltage
Item
Resistive load
125 VAC
1A
0.1A
30 VDC
1A
0.1A
Rated
voltage
Model
D2MV-1
D2MV-01
125 VAC
1A
0.1A
30 VDC
1A
0.1A
2.4 dia.1.3 dia.
1.2
3.2
6.3
(6.3)
(6.5)
3.9
7.5
4.75±0.1
10.3±0.1
2-3.1 dia. mounting holes
or M3 screw hole
22.2±0.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com