Electronic Components Datasheet Search
  English  ▼

X  

D2MV Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # D2MV
Description  Miniature Basic Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2MV Datasheet(HTML) 4 Page - Omron Electronics LLC

  D2MV Datasheet HTML 1Page - Omron Electronics LLC D2MV Datasheet HTML 2Page - Omron Electronics LLC D2MV Datasheet HTML 3Page - Omron Electronics LLC D2MV Datasheet HTML 4Page - Omron Electronics LLC D2MV Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
D2MV
Miniature Basic Switch
D
2
M
V
Note 1. Unless otherwise specified, a tolerance of ±0.4mm applies to all dimensions.
Note 2. The operating characteristics are for operation in the A direction (
).
Precautions
★Please refer to "Basic Switches Common Precautions" for correct use.
●Handling
Do not apply excessive shock. Doing so may cause damage to
the Switch's internal components because they designed for a
small load.
●Soldering
• Terminal connections
Complete the soldering at the iron tip temperature between
250 to 350°C (60W) within 5 seconds, and do not apply any
external force for 1 minute after soldering.
Apply minimum amount of flux required. It may result in
contact failure once the flux penetrates into the internal part of
the Switch.
●Mounting
Use M3 mounting screw with plane washers or spring washers to
securely mount the Switch. Tighten the screws to a torque of
0.39 to 0.59 N·m {4 to 6 kgf·cm}.
●Mounting Direction
For a Switch with an actuator, mount the Switch in a direction
where the actuator weight will not be applied to the Switch. Since
the Switch is designed for a low operating force, its release force
is low. Therefore, release failure may occur if unnecessary force
is applied to the Switch.
●Using Micro Loads
Using a model for ordinary loads to open or close the contact of
a micro load circuit may result in faulty contact. Use models that
operate in the following range. However, even when using micro
load models within the following operating range, if inrush current
occurs when the contact is opened or closed, it may increase the
contact wear and so decrease durability. Therefore, insert a
contact protection circuit where necessary. The minimum
applicable load is the N-level reference value. This value
indicates the malfunction reference level for the reliability level of
60% (
λ60).
(JIS C5003)
The equation,
λ60=0.5×10-6/ operations indicates that the
estimated malfunction rate is less than
operations
with a reliability level of 60%.
PT
OP
2.8
8.1
* 1. Stainless-steel lever
* 2. Polyacetal resin roller
11.6
15.9
(7.5)
2.8
4
31.8
3+0.07
−0.05
3+0.07 dia. holes
−0.05
3.2+0.15 dia.
−0.07
22.2±0.1
20.1
4.8 dia.
×4.8 *2
19.8±0.8
39.3±0.8
10.3±0.1
A
5.1
10.3
t=0.5 * 1
t=0.5
3-Solder/Terminal
●Short Hinge Roller Lever Models
D2MV-1L22-1C3
D2MV-01L22-1C3
Note. The indicated reference values of RF are for
cases where the lever weight is not applied to
the plunger.
Operating
characteristics
Model D2MV-1L22-1C3
D2MV-01L22-1C3
Operating Force
OF Max.
Releasing Force
RF Min.
0.49N {50 gf}
0.04N {4 gf} (reference value)
Pretravel
PT Max.
Overtravel
OT Min.
Movement Differential MD Max.
1.7 mm
1.0 mm
0.4 mm
Operating Position
OP
20.7±0.6 mm
PT
OP
2.8
8.1
* 1. Stainless-steel lever
* 2. Polyacetal resin roller
11.6
15.9
(7.5)
2.8
4
31.8
3+0.07
−0.05
3.2+0.15 dia.
−0.07
22.2±0.1
34.8±0.8
4.8 dia.
×4.8 *2
19.8±0.8
39.3±0.8
10.3±0.1
A
5.1
10.3
t=0.5 * 1
3+0.07 dia. holes
−0.05
t=0.5
3-Solder/Terminal
●Hinge Roller Lever Models
D2MV-1L2-1C3
D2MV-01L2-1C3
Note. The indicated reference values of RF are for
cases where the lever weight is not applied to
the plunger.
Operating
characteristics
Model D2MV-1L2-1C3
D2MV-01L2-1C3
Operating Force
OF Max.
Releasing Force
RF Min.
0.29N {30 gf}
0.02N {2 gf} (reference value)
Pretravel
PT Max.
Overtravel
OT Min.
Movement Differential MD Max.
3.3 mm
2.1 mm
0.7 mm
Operating Position
OP
20.7±1.2 mm
Cautions
Correct Use
1
2,000,000
30
24
12
5
0
1
10
100
1,000
Current (mA)
0.1
1 mA
Normal
load type
Operating
range
D2MV-1
Micro load type
Operating range
D2MV-01
5 mA
0.16 mA
30 mA
100 mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com