Electronic Components Datasheet Search
  English  ▼

X  

MAX40010 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX40010
Description  76V Precision, High-Voltage, Current-Sense Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX40010 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX40010 Datasheet HTML 1Page - Maxim Integrated Products MAX40010 Datasheet HTML 2Page - Maxim Integrated Products MAX40010 Datasheet HTML 3Page - Maxim Integrated Products MAX40010 Datasheet HTML 4Page - Maxim Integrated Products MAX40010 Datasheet HTML 5Page - Maxim Integrated Products MAX40010 Datasheet HTML 6Page - Maxim Integrated Products MAX40010 Datasheet HTML 7Page - Maxim Integrated Products MAX40010 Datasheet HTML 8Page - Maxim Integrated Products MAX40010 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The MAX40010 single-channel, high-side precision current-
sense amplifier with an input common-mode voltage
range from 2.7V to 76V, making it ideal for communications,
automotive, data centers and other systems where high-
voltage current monitoring is critical. The MAX40010 offer
accuracy specifications of less than 12μV (max) Input
Offset voltage and less than 0.1% (max) gain error. By
offering precision offset and gain error specifications, the
MAX40010 makes it possible to sense very small sense/
shunt resistors, further improving system efficiencies and
power dissipation through the sense element.
The MAX40010 features 80kHz of small signal bandwidth
and four unique gain options (12.5V/V, 20V/V, 50V/V, and
100V/V). The device’s current sense inputs have EMIR
filters to reject RF found in communications equipment.
The MAX40010 operates over the -40° C to + 125°C
temperature range and is offered in a 6-bump, 1mm x
1.5mm wafer-lever package (WLP) with 0.5mm pitch and
a SOT23 U6SN+1 package.
Benefits and Features
● Input Common Mode +2.7V to +76V
● Ultra-Tiny 1mm x 1.5mm 6-bump WLP and SOT23
Packages
● Low 12μV (max) Input Offset Voltage
● Low 0.1%(max) Gain Error
● Available Gain Options:
• G = 12.5V/V: MAX40010L
• G = 20V/V: MAX40010T
• G = 50V/V: MAX40010F
• G = 100V/V: MAX40010H
Applications
● Base-Stations and Communication Equipment
● Server Backplanes/Data Centers
● Automotive Sensing
● Energy Management
● Solar Panel Monitoring
Ordering Information appears at end of data sheet.
19-10015; Rev 2; 1/18
MAX40010
SYSTEM LOAD
RSENSE
ISENSE
VCM = 2.7V TO 76V
VDD = 2.7V TO 5.5V
VDD
RS+
RS-
OUT
GND
Typical Operating Circuit
MAX40010
76V Precision, High-Voltage,
Current-Sense Amplifier


Similar Part No. - MAX40010

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX40010 MAXIM-MAX40010 Datasheet
691Kb / 6P
Precision, Real-Time Current Monitoring
Rev 0; 10/16
logo
Analog Devices
MAX40010 AD-MAX40010 Datasheet
522Kb / 13P
76V Precision, High-Voltage, Current-Sense Amplifier
Rev 5 10/20
logo
Maxim Integrated Produc...
MAX40010EVKIT MAXIM-MAX40010EVKIT Datasheet
691Kb / 6P
Precision, Real-Time Current Monitoring
Rev 0; 10/16
MAX40010EVKIT# MAXIM-MAX40010EVKIT# Datasheet
691Kb / 6P
Precision, Real-Time Current Monitoring
Rev 0; 10/16
MAX40010FAUT+ MAXIM-MAX40010FAUT+ Datasheet
528Kb / 13P
76V Precision, High-Voltage, Current-Sense Amplifier
2020
More results

Similar Description - MAX40010

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8645 NSC-LMP8645 Datasheet
416Kb / 16P
Precision High Voltage Current Sense Amplifier
LMP8640 NSC-LMP8640 Datasheet
1Mb / 16P
Precision High Voltage Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX4080 MAXIM-MAX4080_11 Datasheet
330Kb / 14P
76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 4; 7/11
logo
Texas Instruments
LMP8480 TI-LMP8480 Datasheet
992Kb / 24P
Precision 76V High-Side Current Sense Amplifiers with Voltage Output
LMP8481 TI1-LMP8481 Datasheet
1Mb / 28P
Precision 76V High-Side Current Sense Amplifiers with Voltage Output
LMP8640MK-T TI1-LMP8640MK-T Datasheet
1Mb / 22P
Precision High Voltage Current Sense Amplifier
LMP8640HV TI1-LMP8640HV Datasheet
1Mb / 22P
Precision High Voltage Current Sense Amplifier
LMP8645 TI1-LMP8645 Datasheet
1Mb / 30P
Precision High Voltage Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX40010 MAXIM-MAX40010_V01 Datasheet
528Kb / 13P
76V Precision, High-Voltage, Current-Sense Amplifier
2020
MAX40201 MAXIM-MAX40201_V01 Datasheet
795Kb / 12P
Dual-Channel, 0V to 76V Current-Sense Amplifier
2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com