Electronic Components Datasheet Search
  English  ▼

X  

MAX40010 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX40010
Description  76V Precision, High-Voltage, Current-Sense Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX40010 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX40010 Datasheet HTML 1Page - Maxim Integrated Products MAX40010 Datasheet HTML 2Page - Maxim Integrated Products MAX40010 Datasheet HTML 3Page - Maxim Integrated Products MAX40010 Datasheet HTML 4Page - Maxim Integrated Products MAX40010 Datasheet HTML 5Page - Maxim Integrated Products MAX40010 Datasheet HTML 6Page - Maxim Integrated Products MAX40010 Datasheet HTML 7Page - Maxim Integrated Products MAX40010 Datasheet HTML 8Page - Maxim Integrated Products MAX40010 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
(VRS+ = VRS- = +36V, VDD = +3.3V, VSENSE = VRS+ -VRS- = 1mV, TA = -40°C to +125°C unless otherwise noted. Typical values are
at TA =+25°C). (Note 2)
Note 2: All Devices are 100% production tested at TA = +25˚C. All temperature limits are guaranteed by design.
Note 3: Gain and offset voltage are calculated based on two point measurements: VSENSE1 = 20% full scale and VSENSE2 = 80%
full scale
Note 4: Output is high-Z during power-up.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Gain (Note 3)
G
Full-Scale VSENSE = 200mV, Int.
reference = 2.5V
12.5
V/V
Full-Scale VSENSE = 125mV, Int.
reference = 2.5V
20
Full-Scale VSENSE = 50mV, Int.
reference = 2.5V
50
Full-Scale VSENSE = 25mV, Int.
reference = 2.5V
100
Gain Error
GE
TA = +25oC
0.1
%
-40oC ≤ TA ≤ +85oC
0.5
-40oC ≤ TA ≤ +125oC
0.7
Output Resistance
ROUT
0.1
mΩ
Output Low Voltage
VOL
Sink 500µA
15
mV
Output High Voltage
VOH
Source 500µA
VDD-
0.016
V
AC CHARACTERISTICS
Signal Bandwidth
BW -3dB
Gain = 50V/V Configuration
VSENSE > 5mV
80
kHz
AC Power Supply Rejection
Ratio
AC PSRR
f = 200kHz
40
dB
AC CMRR
AC CMRR
f = 200kHz
48
dB
Output Transient Recovery Time
∆VOUT = 2VP-P, 0.1% final VOUT settling
with 400Ω and 1nF onto 6pF ADC input
sampling capacitor
2
µs
Capacitive load stability
CLOAD
With 240Ω isolation resistor
20
nF
Without any isolation resistor
200
pF
Input Voltage Noise Density
en
f = 1kHz
65
nV/√Hz
Total Harmonic Distortion
THD
f = 1kHz, VOUT = 1VP-P
60
dB
Power-up time (Note 4)
200
µs
Saturation Recovery Time
10
µs
MAX40010
76V Precision, High-Voltage,
Current-Sense Amplifier
www.maximintegrated.com
Maxim Integrated │ 3
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com