Electronic Components Datasheet Search
  English  ▼

X  

MQCS100 Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # MQCS100
Description  AC-DC Medical Power Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

MQCS100 Datasheet(HTML) 2 Page - Arch Electronics Corp.

  MQCS100 Datasheet HTML 1Page - Arch Electronics Corp. MQCS100 Datasheet HTML 2Page - Arch Electronics Corp. MQCS100 Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VER : A_3
update : 2018.06.06
AC-DC Medical Power Module
MQCS100 SERIES
100 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
ELECTRICAL SPECIFICATIONS
All specifications valid at 230VAC input voltage, full load and +25°C after warm-up time unless otherwise stated.
Model No.
MQCS100-12S
MQCS100-24S
MQCS100-48S
Physical
Dimension (L x W x H)
3.3 x 2.3 x 1.38 Inches
( 83.9 x 58.5 x 35.0 mm ) Tolerance
0.5 mm
Weight
In Progress
Cooling Method
Free convection
Safety
Approval
UL / IEC / EN 60601 3.1
rd Edition
EMC
Conducted EMI
(Note 4)
EN55011 Conducted & Radiated Class B (In Progress)
Radiated EMI
(Note 4)
EN55011 Class I
class B / Class II
class A (In Progress)
EMS
EN60601-1-2 4th edition (In Progress)
NOTE
1. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.
2. Hold-up Time measured at 90% Vout.
3. Please check the derating curve for more details.
4. Please secure the power supply unit to your metal case by using the four screw holes in the corners for
either Class I or Class II equipment
5. Please refer to our PDF file "AC-DC Application" on our website: www.archcorp.com.tw
DERATING
If the input voltage is below
99VAC, we can only use it under the environment of higher that -10 celsius degree



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com