Electronic Components Datasheet Search
  English  ▼

X  

MQCS100 Datasheet(PDF) 3 Page - Arch Electronics Corp.

Part # MQCS100
Description  AC-DC Medical Power Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

MQCS100 Datasheet(HTML) 3 Page - Arch Electronics Corp.

  MQCS100 Datasheet HTML 1Page - Arch Electronics Corp. MQCS100 Datasheet HTML 2Page - Arch Electronics Corp. MQCS100 Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
VER : A_3
update : 2018.06.06
AC-DC Medical Power Module
MQCS100 SERIES
100 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-3-
MECHANICAL DIMENSION ( Top View )
BLOCK DIAGRAM
TRIM
PIN#
Φ
Single
1
1.2±0.1%mm
PE
2
1.2±0.1%mm
AC IN (N)
3
1.2±0.1%mm
AC IN (L)
4
1.2±0.1%mm
ON / OFF
(Provide +5Vdc Controlled)
5
1.8±0.1%mm
+DC OUT
6
1.8±0.1%mm
-DC OUT
7
1.2±0.1%mm
Trim
Remark:
Please reserve the pin 4 hole on PCB.
If the remote on/off function is not required, please
connect the pin 4 circuit layout with pin6, or keep pin
4 floating.
12S
24S
48S
Trim
→
-V
+5%
0%
+5%
0%
+5%
0%
32K
Ω
~
10M
36K
Ω
~
10M
33K
Ω
~
10M
Trim
→
+V
0%
-5%
0%
-5%
0%
-5%
10M
~
80K
Ω
10M
~
205K
Ω
10M
~
480K
Ω



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com