Electronic Components Datasheet Search
  English  ▼

X  

MBRB10150CT Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MBRB10150CT
Description  10A SCHOTTKY BARRIER RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBRB10150CT Datasheet(HTML) 1 Page - Diodes Incorporated

  MBRB10150CT Datasheet HTML 1Page - Diodes Incorporated MBRB10150CT Datasheet HTML 2Page - Diodes Incorporated MBRB10150CT Datasheet HTML 3Page - Diodes Incorporated MBRB10150CT Datasheet HTML 4Page - Diodes Incorporated MBRB10150CT Datasheet HTML 5Page - Diodes Incorporated MBRB10150CT Datasheet HTML 6Page - Diodes Incorporated MBRB10150CT Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MBRB10150CT
Document number: DS37111 Rev. 5 - 2
1 of 7
www.diodes.com
May 2018
© Diodes Incorporated
MBRB10150CT
10A SCHOTTKY BARRIER RECTIFIER
Product Summary
MBRB10150CT (Per Leg)
Description
This Schottky Barrier Rectifier is designed to meet the stringent
requirements of Commercial Applications.
Polarity Protection Diode
Re-Circulating Diode
Switching Diode
VRRM (V)
IO (A)
VF (MAX) (V)
@ +25°C
IR (MAX) (mA)
@ +25°C
150
5
0.89
0.05
Features and Benefits
Guard Ring Die Construction for Transient Protection
High Surge Current Capability
Low Forward Voltage Drop
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: TO263AB (D2PAK), TO263AB (D2PAK) (Type TH),
TO263AB (D2PAK) (Type BR)
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Polarity: See Below
Weight: TO263AB (D2PAK), TO263AB (D2PAK) (Type TH),
TO263AB (D2PAK) (Type BR)
— 1.6 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
MBRB10150CT
TO263AB (D2PAK)
50 Pieces/Tube
MBRB10150CT
TO263AB (D2PAK) (Type TH)
50 Pieces/Tube
MBRB10150CT
TO263AB (D2PAK) (Type BR)
50 Pieces/Tube
MBRB10150CT-13
TO263AB (D2PAK)
800 Pieces/Tube
MBRB10150CT-13
TO263AB (D2PAK) (Type TH)
800 Pieces/Tube
MBRB10150CT-13
TO263AB (D2PAK) (Type BR)
800 Pieces/Tube
Notes:
1. EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant. All applicable RoHS exemptions applied.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Package Pin Out
Configuration
TO263AB (D2PAK), TO263AB (D2PAK) (Type TH),
TO263AB (D2PAK) (Type BR)
=
Manufacturer’s Marking
MBRB10150CT = Product Type Marking Code
AB = Foundry and Assembly Code
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 18 = 2018)
WW = Week (01 to 53)
Top View
Green
TO263AB (D2PAK), TO263AB (D2PAK) (Type TH),
TO263AB (D2PAK) (Type BR)


Similar Part No. - MBRB10150CT

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
MBRB10150CT SMC-MBRB10150CT Datasheet
192Kb / 6P
SCHOTTKY RECTIFIER
logo
Diodes Incorporated
MBRB10150CT DIODES-MBRB10150CT Datasheet
280Kb / 5P
10A SCHOTTKY BARRIER RECTIFIER
Rev 4
logo
GOOD-ARK Electronics
MBRB10150CT GOOD-ARK-MBRB10150CT Datasheet
500Kb / 7P
Product Specification
logo
Jiangsu Changjiang Elec...
MBRB10150CT JIANGSU-MBRB10150CT Datasheet
1Mb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Surge Components
MBRB10150CT SURGE-MBRB10150CT Datasheet
1Mb / 5P
Schottky Barrier Rectifier
More results

Similar Description - MBRB10150CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL1030 DIODES-SBL1030 Datasheet
65Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
DS23042 Rev. C-2
PDS1040 DIODES-PDS1040 Datasheet
86Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
DS30538 Rev. 4 - 2
logo
Won-Top Electronics
SB1020F WTE-SB1020F_06 Datasheet
50Kb / 4P
10A SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
MBR1040C UTC-MBR1040C Datasheet
128Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
logo
Kersemi Electronic Co.,...
MBR1040 KERSEMI-MBR1040 Datasheet
428Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
logo
Yea Shin Technology Co....
SB1020 YEASHIN-SB1020 Datasheet
757Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
SB1020F YEASHIN-SB1020F Datasheet
776Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
SB1020FCT YEASHIN-SB1020FCT Datasheet
1Mb / 4P
10A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBRB10200CT DIODES-MBRB10200CT_15 Datasheet
463Kb / 6P
10A SCHOTTKY BARRIER RECTIFIER
Rev 3
logo
DIYI Electronic Technol...
SBL1060CT DYELEC-SBL1060CT Datasheet
1Mb / 4P
10A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com