Electronic Components Datasheet Search
  English  ▼

X  

MBRB10150CT Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MBRB10150CT
Description  10A SCHOTTKY BARRIER RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBRB10150CT Datasheet(HTML) 3 Page - Diodes Incorporated

  MBRB10150CT Datasheet HTML 1Page - Diodes Incorporated MBRB10150CT Datasheet HTML 2Page - Diodes Incorporated MBRB10150CT Datasheet HTML 3Page - Diodes Incorporated MBRB10150CT Datasheet HTML 4Page - Diodes Incorporated MBRB10150CT Datasheet HTML 5Page - Diodes Incorporated MBRB10150CT Datasheet HTML 6Page - Diodes Incorporated MBRB10150CT Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MBRB10150CT
Document number: DS37111 Rev. 5 - 2
3 of 7
www.diodes.com
May 2018
© Diodes Incorporated
MBRB10150CT
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Figure 3 Typical Reverse Characteristics
0.00001
0.0001
0.001
0.01
0.1
1
10
0
30
60
90
120
150
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = 175°C
A
T , AMBIENT TEMPERATURE (°C)
A
Figure 4 Forward Current Derating Curve
0.00
1.00
2.00
3.00
4.00
5.00
6.00
25
40
55
70
85 100 115 130 145 160 175
Note 5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com