Electronic Components Datasheet Search
  English  ▼

X  

TLE4263 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE4263
Description  5-V Low Drop Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4263 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE4263 Datasheet HTML 7Page - Infineon Technologies AG TLE4263 Datasheet HTML 8Page - Infineon Technologies AG TLE4263 Datasheet HTML 9Page - Infineon Technologies AG TLE4263 Datasheet HTML 10Page - Infineon Technologies AG TLE4263 Datasheet HTML 11Page - Infineon Technologies AG TLE4263 Datasheet HTML 12Page - Infineon Technologies AG TLE4263 Datasheet HTML 13Page - Infineon Technologies AG TLE4263 Datasheet HTML 14Page - Infineon Technologies AG TLE4263 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
TLE 4263
Data Sheet
11
Rev. 2.9, 2013-11-25
Reset Switching Threshold
The present default value is typ. 4.65 V. When using the TLE 4263 the reset threshold
can be set to 3.5 V <
V
Q,rt < 4.6 V by connecting an external voltage divider to pin RADJ.
The calculation can be easily done since the reset adjust input current can be neglected.
If this feature is not needed, the pin has to be connected to GND.
V
Q,rt = (1 + R1/R2) × VRADJ,th
(2)
Definitions:
•
V
Q,rt = reset threshold
•
V
RADJ,th = comparator reference voltage, typical 1.35 V
Watchdog Timing
The frequency of the watchdog pulses has to be higher than the minimum pulse
sequence which is set by the external reset delay capacitor
C
D. Calculation can be done
according to the formula given in Figure 6.
Figure 6
Timing of the Watchdog Function Reset
AED03099_4263
W
V
V
V
Q
D
V
V
RO
WD, L
t
WD, p
T
WI, tr
T
T
=
V
V
( DU - DWL )
Ι
D, wd
DU
V
V
DWL
Ι
WI, tr
D
C
t
t
t
t
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com