Electronic Components Datasheet Search
  English  ▼

X  

TLE4263 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE4263
Description  5-V Low Drop Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4263 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE4263 Datasheet HTML 10Page - Infineon Technologies AG TLE4263 Datasheet HTML 11Page - Infineon Technologies AG TLE4263 Datasheet HTML 12Page - Infineon Technologies AG TLE4263 Datasheet HTML 13Page - Infineon Technologies AG TLE4263 Datasheet HTML 14Page - Infineon Technologies AG TLE4263 Datasheet HTML 15Page - Infineon Technologies AG TLE4263 Datasheet HTML 16Page - Infineon Technologies AG TLE4263 Datasheet HTML 17Page - Infineon Technologies AG TLE4263 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Data Sheet
14
Rev. 2.9, 2013-11-25
TLE 4263
Charge Current and Discharge
Current versus Temperature
Pulse Time versus
Temperature
Output Voltage versus
Temperature
Output Current versus
Input Voltage
40
20
30
10
0
-40
40
0
80
60
70
50
Ι
A
C
120
80
160
T j
AED03064
μ
= 13.5 V
= 1.5 V
Ι
V
V D
ΙD, ch
D, dis
Ι
20
10
15
5
0
-40
40
0
40
30
35
25
WI,tr
T
C
120
80
160
T j
AED03065_4263
ms
V Ι = 13.5 V
= 100 nF
CD
AED01090
-40
040
80
120 ˚C 160
4.6
j
T
Q
V
V
I = 13.5 V
4.7
4.8
4.9
5.0
5.1
V
5.2
T
10
0
0
50
100
20
250
300
Q
Ι
mA
200
150
V
40
30
V
Ι
50
= 25 C
j
AED01091



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com