Electronic Components Datasheet Search
  English  ▼

X  

MDMA65P1600TG Datasheet(PDF) 2 Page - IXYS Corporation

Part # MDMA65P1600TG
Description  Standard Rectifier Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MDMA65P1600TG Datasheet(HTML) 2 Page - IXYS Corporation

  MDMA65P1600TG Datasheet HTML 1Page - IXYS Corporation MDMA65P1600TG Datasheet HTML 2Page - IXYS Corporation MDMA65P1600TG Datasheet HTML 3Page - IXYS Corporation MDMA65P1600TG Datasheet HTML 4Page - IXYS Corporation MDMA65P1600TG Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MDMA65P1600TG
V
=
V
kA²s
kA²s
kA²s
kA²s
Symbol
Definition
Ratings
typ.
max.
I
R
V
I
A
V
F
1.18
R
0.5
K/W
R
min.
65
VRSM
V
50
T
= 25°C
VJ
T
=
°C
VJ
mA
2
V
=
V
R
T
= 25°C
VJ
I =
A
F
V
T =
°C
C
100
P
tot
250
W
T
= 25°C
C
R
K/W
65
1600
max. non-repetitive reverse blocking voltage
reverse current
forward voltage drop
total power dissipation
Conditions
Unit
1.40
T
= 25°C
VJ
150
V
F0
V
0.81
T
=
°C
VJ
150
rF
4.3
mΩ
V
1.11
T
=
°C
VJ
I =
A
F
V
65
1.39
I =
A
F
130
I =
A
F
130
threshold voltage
slope resistance
for power loss calculation only
µA
125
VRRM
V
1600
max. repetitive reverse blocking voltage
T
= 25°C
VJ
CJ
37
junction capacitance
V =
V;
400
T
= 25°C
f = 1 MHz
R
VJ
pF
I
FSM
t = 10 ms; (50 Hz), sine
T
= 45°C
VJ
max. forward surge current
T
=
°C
VJ
150
I²t
T
= 45°C
value for fusing
T
=
°C
150
V
= 0 V
R
V
= 0 V
R
V
= 0 V
V
= 0 V
t = 8,3 ms; (60 Hz), sine
t = 10 ms; (50 Hz), sine
t = 8,3 ms; (60 Hz), sine
t = 10 ms; (50 Hz), sine
t = 8,3 ms; (60 Hz), sine
t = 10 ms; (50 Hz), sine
t = 8,3 ms; (60 Hz), sine
VJ
R
VJ
R
T
=
°C
VJ
150
1.10
1.19
4.37
4.25
kA
kA
A
kA
935
1.01
6.05
5.89
1600
FAV
d =
rectangular
0.5
average forward current
thermal resistance junction to case
thJC
thermal resistance case to heatsink
thCH
Rectifier
1700
0.20
IXYS reserves the right to change limits, conditions and dimensions.
20161222c
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2016 IXYS all rights reserved



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com