Electronic Components Datasheet Search
  English  ▼

X  

MDMA65P1600TG Datasheet(PDF) 5 Page - IXYS Corporation

Part # MDMA65P1600TG
Description  Standard Rectifier Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MDMA65P1600TG Datasheet(HTML) 5 Page - IXYS Corporation

  MDMA65P1600TG Datasheet HTML 1Page - IXYS Corporation MDMA65P1600TG Datasheet HTML 2Page - IXYS Corporation MDMA65P1600TG Datasheet HTML 3Page - IXYS Corporation MDMA65P1600TG Datasheet HTML 4Page - IXYS Corporation MDMA65P1600TG Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MDMA65P1600TG
0.001
0.01
0.1
1
400
600
800
1000
2
3
4 5 6 7 8 9 0
1
1
103
104
0.5
1.0
1.5
2.0
0
40
80
120
160
200
0
15
30
45
60
75
0
20
40
60
80
100
1
10
100
1000
10000
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
50
100
150
0
30
60
90
120
150
I
F
[A]
V
F [V]
I
FSM
[A]
t [s]
I
2t
[A
2s]
t [ms]
P
tot
[W]
I
F(AV)M [A]
T
amb [°C]
I
F(AV)M
[A]
T
C [°C]
Fig. 1 Forward current versus
voltage drop per diode
Fig. 2 Surge overload current
vs. time per diode
Fig. 3 I
2t versus time per diode
Fig. 4 Power dissipation vs. forward current
and ambient temperature per diode
Fig. 5 Max. forward current vs.
case temperature per diode
Fig. 6 Transient thermal impedance junction to case vs. time per diode
t [ms]
0
50
100
150
50 Hz, 80%V
RRM
T
VJ = 45°C
T
VJ = 45°C
V
R = 0 V
T
VJ = 150°C
T
VJ = 150°C
T
VJ =
25°C
T
VJ = 125°C
T
VJ = 150°C
DC =
1
0.5
0.4
0.33
0.17
0.08
DC =
1
0.5
0.4
0.33
0.17
0.08
Z
thJC
[K/W]
R
thHA
=
0.4 K/W
0.6 K/W
0.8 K/W
1.0 K/W
2.0 K/W
4.0 K/W
Constants for Z
thJC calculation:
i
R
thi (K/W)
t
i (s)
1
0.022
0.001
2
0.068
0.010
3
0.245
0.060
4
0.165
0.270
Rectifier
IXYS reserves the right to change limits, conditions and dimensions.
20161222c
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2016 IXYS all rights reserved



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com