Electronic Components Datasheet Search
  English  ▼

X  

MMA709 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # MMA709
Description  2 Watt InGaP HBT Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

MMA709 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  MMA709 Datasheet HTML 1Page - Aeroflex Circuit Technology MMA709 Datasheet HTML 2Page - Aeroflex Circuit Technology MMA709 Datasheet HTML 3Page - Aeroflex Circuit Technology MMA709 Datasheet HTML 4Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Revision Date: 11/29/04
Aeroflex / Metelics
Aeroflex Microelectronic Solutions
975 Stewart Drive, Sunnyvale, CA 94085
TEL: 408-737-8181
Fax: 408-733-7645
www.aeroflex-metelics.com
sales@aeroflex-metelics.com
Aeroflex / Metelics, Inc. reserves the right to make changes to any products
and services herein at any time without notice. Consult Aeroflex or an
authorized sales representative to verify that the information in this data
sheet is current before using this product. Aeroflex does not assume any
responsibility or liability arising out of the application or use of any product
or service described herein, except as expressly agreed to in writing by
Aeroflex; nor does the purchase, lease, or use of a product or service from
Aeroflex convey a license under any patent rights, copyrights, trademark
rights, or any other of the intellectual rights of Aeroflex or of third parties.
Copyright 2003 Aeroflex / Metelics. All rights reserved.
attributes represented by these three icons:
solution-minded, performance-driven and customer-focused.
MMA709
2 Watt InGaP HBT Amplifier
3030 Package Outline:
Figure 13.
Figure 14.
SOIC8 Package Outline:
SEATING PLANE
MMA
709
TERMINAL #1
IDENTIFIER
4
3
2
1
8
7
6
5
45° INDEX CHAMFER
0.238±0.008
0.154±0.003
0.002±0.002
0.053±0.003
0.050 BSC
0.016±0.001 8X
3°+5°-3°
0.020±0.004
0.008±0.001
EXPOSED PAD
PIN
CONNECTION
2, 3
RF INPUT &
BASE BIAS
6, 7
RF OUTPUT &
COLLECTOR BIAS
1, 4, 5, 8
NC
0.195±0.003
5
0
0
.
0
±
8
1
1
.
0
3
6
0
.
0
5
0
0
.
0
±
9
0
0
.
0
4
0
.
0
5
0
0
.
0
±
7
1
0
.
0
2
1
0
.
0
5
0
0
.
0
±
8
2
0
.
0
2
5
0
0
.
0
±
5
1
0
.
0
1
N
I
P
R
E
K
R
A
M
1
N
I
P
)
X
A
M
(
5
3
0
.
0
8
0
0
.
0
:
D
E
I
F
I
C
E
P
S
E
S
I
W
R
E
H
T
O
S
S
E
L
N
U
S
E
H
C
N
I
N
I
S
N
O
I
S
N
E
M
I
D
.
1
"
1
0
0
.
0
-
/
+
S
N
O
I
S
N
E
M
I
D
L
L
A
.
2
N
O
I
T
C
E
N
N
O
C
N
I
P
C
/
N
8
,
5
,
4
,
1
D
N
A
T
U
P
N
I
F
R
3
,
2
S
A
I
B
E
S
A
B
T
U
P
T
U
O
F
R
7
,
6
S
A
I
B
R
O
T
C
E
L
L
O
C
1
3
2
4
5
6
7
8
A
M
M
9
0
7
9
9
0
.
0
5
0
0
.
0
±
8
1
1
.
0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com