Electronic Components Datasheet Search
  English  ▼

X  

MMA709 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # MMA709
Description  2 Watt InGaP HBT Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

MMA709 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  MMA709 Datasheet HTML 1Page - Aeroflex Circuit Technology MMA709 Datasheet HTML 2Page - Aeroflex Circuit Technology MMA709 Datasheet HTML 3Page - Aeroflex Circuit Technology MMA709 Datasheet HTML 4Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Revision Date: 11/29/04
The MMA709-3030 is a Power InGaP HBT device that is
designed to provide moderate power levels from 100 MHz
to 2.5 GHz. Best operation is obtained across narrow
bandwidths, typically 10%. The device is characterized
in Class A operation. The device is assembled in a low
profile plastic package that is a 3mm square DFN style
that has eight leads. The backside of the packages are
DC/RF/Thermal ground. The device is also available in
SOIC8 Package.
•
High Output Power: +34 dBm (Typ)
•
High 3rd Order OIP3: +54 dBm (Typ)
•
High Dynamic Range: 97 dB (Typ)
•
3mm square DFN plastic package
NOTES:
1. All measurements from device evaluation boards.
2. V
S
V = 7.00 V, I
CC = 700 mA.
3. IP3: Power output per tone = +15dBm, separation = 1.22 MHz
Parameter
Symbol
Condition
1960 MHz
2140 MHz
Units
MIN
TYP
MAX
MIN
TYP
MAX
Gain
SSG
1, 2
10
11
9
9.5
13.5
dB
Output Power
P
1dB
1, 2
+33
+34
+33
+34
dBm
3rd Order IP
OIP3
1, 2, 3
+52
+55
+50
+53
dBm
Input VSWR
1, 2
2:1
2:1
Noise Figure
NF
1, 2
6.5
6.5
6.5
7.0
dB
Spur Free Dynamic Range
SFDR
95
102
95
102
dB
Thermal Resistance
JC
2
12
°C/W
MMA709
2 Watt InGaP HBT Amplifier
3030 OUTLINE
Parameters
Symbol
Minimum
Maximum
Unit
Operating temperature Range
T
OP
-40
+85
°C
Storage Temperature Range
T
STOR
-54
+125
°C
Breakdown Voltage, Collector to Emitter
BV
CEO
V
14.5
V
DC Collector Current
I
CC
900
mA
Operating Junction Temperature
T
J
T
150
°C
Description:
RF Specifications:
Features:
Absolute Maximum Ratings:
Contact the factory when using other than 7 volts.
SOIC8 OUTLINE


Similar Part No. - MMA709

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MMA701 ETC2-MMA701 Datasheet
2Mb / 8P
High Linearity Packaged HBT
MMA701-SOT89 ETC2-MMA701-SOT89 Datasheet
2Mb / 8P
High Linearity Packaged HBT
logo
Aeroflex Circuit Techno...
MMA701A AEROFLEX-MMA701A Datasheet
585Kb / 4P
24 dBm InGaP HBT Amplifier
MMA703 AEROFLEX-MMA703 Datasheet
393Kb / 4P
DC to 6 GHz Amplifier
MMA704 AEROFLEX-MMA704 Datasheet
298Kb / 4P
DC to 3.7 GHz Amplifier
More results

Similar Description - MMA709

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
ECP203 WJCI-ECP203 Datasheet
194Kb / 3P
2 Watt, High Linearity InGaP HBT Amplifier
ECP052 WJCI-ECP052 Datasheet
225Kb / 5P
1/2 Watt, High Linearity InGaP HBT Amplifier
ECP053 WJCI-ECP053 Datasheet
146Kb / 3P
1/2 Watt, High Linearity InGaP HBT Amplifier
logo
List of Unclassifed Man...
AH115 ETC-AH115 Datasheet
577Kb / 7P
1/2 Watt, High Linearity InGaP HBT Amplifier
logo
Aeroflex Circuit Techno...
MMA707 AEROFLEX-MMA707 Datasheet
851Kb / 8P
1 Watt InGaP HBT Amplifier
logo
WJ Communication. Inc.
AH116-RFID WJCI-AH116-RFID Datasheet
709Kb / 6P
1/2 Watt, High Linearity InGaP HBT Amplifier
ECP050D WJCI-ECP050D Datasheet
489Kb / 5P
1/2 Watt, High Linearity InGaP HBT Amplifier
ECP200D WJCI-ECP200D Datasheet
319Kb / 6P
2 Watt, High Linearity InGaP HBT Amplifier
AH312 WJCI-AH312 Datasheet
356Kb / 7P
2 Watt, High Linearity InGaP HBT Amplifier
AH312-RFID WJCI-AH312-RFID Datasheet
861Kb / 9P
2 Watt, High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com