Electronic Components Datasheet Search
  English  ▼

X  

MS5534B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MS5534B
Description  BAROMETER MODULE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MS5534B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MS5534B Datasheet HTML 1Page - List of Unclassifed Manufacturers MS5534B Datasheet HTML 2Page - List of Unclassifed Manufacturers MS5534B Datasheet HTML 3Page - List of Unclassifed Manufacturers MS5534B Datasheet HTML 4Page - List of Unclassifed Manufacturers MS5534B Datasheet HTML 5Page - List of Unclassifed Manufacturers MS5534B Datasheet HTML 6Page - List of Unclassifed Manufacturers MS5534B Datasheet HTML 7Page - List of Unclassifed Manufacturers MS5534B Datasheet HTML 8Page - List of Unclassifed Manufacturers MS5534B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
DA5534B_003.doc
February 28th, 2005
3
00005534B784
ECN 711
RECOMMENDED OPERATING CONDITIONS
(
Ta = 25°C, VDD = 3.0 V unless noted otherwise)
Parameter
Symbol
Conditions
Min.
Typ.
Max
Unit
Operating pressure range
p
10
1100
mbar
abs.
Supply voltage
VDD
2.2
3.0
3.6
V
Supply current,
average (1)
during conversion (2)
standby (no conversion)
Iavg
Isc
Iss
VDD = 3.0 V
4
1
0.1
µA
mA
µA
Current consumption into
MCLK (3)
MCLK = 32.768 kHz
0.5
µA
Operating temperature
range
T
-40
+125
°C
Conversion time
tconv
MCLK = 32.768 kHz
35
ms
External clock signal (4)
MCLK
30.000 32.768 35.000
kHz
Duty cycle of MCLK
40/60
50/50
60/40
%
Serial data clock
SCLK
500
kHz
NOTES
1) Under the assumption of one conversion every second. Conversion means either a pressure or a
temperature measurement started by a command to the serial interface of MS5534B.
2) During conversion the sensor will be switched on and off in order to reduce power consumption; the total on
time within a conversion is about 2 ms.
3) This value can be reduced by switching off MCLK while MS5534B is in standby mode.
4) It is strongly recommended that a crystal oscillator be used because the device is sensitive to clock jitter. A
square-wave form of the clock signal is a must.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com