Electronic Components Datasheet Search
  English  ▼

X  

MS5534B Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # MS5534B
Description  BAROMETER MODULE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MS5534B Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button MS5534B Datasheet HTML 9Page - List of Unclassifed Manufacturers MS5534B Datasheet HTML 10Page - List of Unclassifed Manufacturers MS5534B Datasheet HTML 11Page - List of Unclassifed Manufacturers MS5534B Datasheet HTML 12Page - List of Unclassifed Manufacturers MS5534B Datasheet HTML 13Page - List of Unclassifed Manufacturers MS5534B Datasheet HTML 14Page - List of Unclassifed Manufacturers MS5534B Datasheet HTML 15Page - List of Unclassifed Manufacturers MS5534B Datasheet HTML 16Page - List of Unclassifed Manufacturers MS5534B Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
DA5534B_003.doc
February 28th, 2005
13
00005534B784
ECN 711
sequence: START+T-measurement
Bit7
Conversion start for temperature measurement and ADC-data-out "D2":
end of conversion
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
conversion
(33ms)
Bit8 Bit9
Start-bit
Stop-bit
Setup-bits
start of conversion
DB7
ADC-data out
MSB
ADC-data out
LSB
DB6 DB5 DB4 DB3 DB2 DB1
DB0 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
Fig. 6b: D2 ACQUISITION sequence.
sequence: coefficient read + address
Bit7
Calibration data read out sequence for word 1/ word 3:
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
DB7
coefficient-data out
MSB
coefficient-data out
LSB
Bit8 Bit9
Start-bit
Stop-bit
DB6 DB5 DB4 DB3 DB2 DB1
DB0 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
Bit10 Bit11
address word 1
address word 3
Setup-bits
Fig. 6c: Word1, Word3 READING sequence.
address word 2
address word 4
sequence: coefficient read + address
Bit7
Calibration data read out sequence for word 2/ word 4:
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
DB7
coefficient-data out
MSB
coefficient-data out
LSB
Bit8 Bit9
Start-bit
Stop-bit
DB6 DB5 DB4 DB3 DB2 DB1
DB0 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
Bit10 Bit11
Setup-bits
Fig. 6d: W2, W4 READING sequence.
sequence: RESET
Bit7
RESET - sequence:
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Bit8 Bit9 Bit10 Bit11Bit12 Bit13 Bit14 Bit15 Bit16 Bit17Bit18 Bit19 Bit20
Fig. 6e: RESET sequence (21-Bit).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com