Electronic Components Datasheet Search
  English  ▼

X  

SDM05U40CSP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SDM05U40CSP
Description  0.5A SCHOTTKY BARRIER RECTIFIER CHIP SCALE PACKAGE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDM05U40CSP Datasheet(HTML) 1 Page - Diodes Incorporated

  SDM05U40CSP Datasheet HTML 1Page - Diodes Incorporated SDM05U40CSP Datasheet HTML 2Page - Diodes Incorporated SDM05U40CSP Datasheet HTML 3Page - Diodes Incorporated SDM05U40CSP Datasheet HTML 4Page - Diodes Incorporated SDM05U40CSP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SDM05U40CSP
Document number: DS36601 Rev. 5 - 2
1 of 5
www.diodes.com
December 2016
© Diodes Incorporated
SDM05U40CSP
P
0.5A
SCHOTTKY BARRIER RECTIFIER
CHIP SCALE PACKAGE
Product Summary
VRRM (V)
IO (A)
VF MAX (V)
IR MAX (µA)
40
0.5
0.46
75
Description
The SDM05U40CSP is a 40-volt 0.5A Schottky barrier rectifier that is
optimized for low forward voltage drop and low leakage current,
housed in a compact chip scale package (CSP) that occupies only
0.6mm
2 board-space. The low thermal resistance enables designers
to meet design challenges of increasing efficiency whilst at the same
time reducing board space.
Applications
It is ideally suited for use in portable applications as a:
Blocking Diode
Boost Diode
Switching Diode
Reverse Protection Diode
Features and Benefits
Off Board Profile of 0.275mm
– More than 30% Thinner than
DFN1006
Low Forward Voltage (VF) Minimizes Conduction Losses and
Improves Efficiency
Reduced
High
Temperature
Reverse
Leakage;
Increased
Reliability
Against
Thermal
Runaway
Failure
in
High
Temperature Operation
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: X3-WLB1006-2
Moisture Sensitivity: Level 1 per J-STD-020
Polarity: Cathode Dot
Weight: 0.001 grams
Ordering Information (Note 4)
Part Number
Case
Packaging
SDM05U40CSP-7
X3-WLB1006-2
5,000/ Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen and Antimony
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2014
2015
2016
2017
2018
2019
2020
Code
B
C
D
E
F
G
H
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
X X5
YM
Pin 1
X5= Product Type Marking Code
YM or YM =Date Code Marking
Y= Year (ex: D= 2016)
M=Month (ex: 9= September)
Dot Denotes Cathode Pin


Similar Part No. - SDM05U40CSP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SDM05U40CSP DIODES-SDM05U40CSP Datasheet
653Kb / 2P
Industry’s Smallest 4A and 5A Schottky Rectifiers Set New Benchmarks in Current Density
SDM05U40CSP DIODES-SDM05U40CSP_15 Datasheet
458Kb / 5P
0.5A SCHOTTKY BARRIER RECTIFIER CHIP SCALE PACKAGE
Rev erse
More results

Similar Description - SDM05U40CSP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FCSP1H40LTR VISHAY-FCSP1H40LTR Datasheet
123Kb / 5P
Chip Scale Package Schottky Barrier Rectifier
27-Mar-08
FCSP2H40LTR VISHAY-FCSP2H40LTR Datasheet
127Kb / 5P
Chip Scale Package Schottky Barrier Rectifier
27-Mar-08
FCSP130LTR VISHAY-FCSP130LTR Datasheet
120Kb / 5P
Chip Scale Package Schottky Barrier Rectifier
02-Jul-08
FCSP140LTR VISHAY-FCSP140LTR Datasheet
121Kb / 5P
Chip Scale Package Schottky Barrier Rectifier
27-Mar-08
FCSP230LTR VISHAY-FCSP230LTR Datasheet
123Kb / 5P
Chip Scale Package Schottky Barrier Rectifier
02-Jul-08
FCSP240LTR VISHAY-FCSP240LTR Datasheet
126Kb / 5P
Chip Scale Package Schottky Barrier Rectifier
27-Mar-08
logo
Diodes Incorporated
SDM05U40CSP DIODES-SDM05U40CSP_15 Datasheet
458Kb / 5P
0.5A SCHOTTKY BARRIER RECTIFIER CHIP SCALE PACKAGE
Rev erse
SDM2A20CSP DIODES-SDM2A20CSP Datasheet
385Kb / 5P
2.0A SCHOTTKY BARRIER RECTIFIER CHIP SCALE PACKAGE
Rev erse
SDM2U30CSP DIODES-SDM2U30CSP Datasheet
441Kb / 4P
2A SCHOTTKY BARRIER RECTIFIER CHIP SCALE PACKAGE
Rev erse
SDM05U20CSP DIODES-SDM05U20CSP Datasheet
514Kb / 5P
0.5A SCHOTTKY BARRIER RECTIFER CHIP SCALE PACKAGE
Rev erse
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com