Electronic Components Datasheet Search
  English  ▼

X  

SDM05U40CSP Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SDM05U40CSP
Description  0.5A SCHOTTKY BARRIER RECTIFIER CHIP SCALE PACKAGE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDM05U40CSP Datasheet(HTML) 3 Page - Diodes Incorporated

  SDM05U40CSP Datasheet HTML 1Page - Diodes Incorporated SDM05U40CSP Datasheet HTML 2Page - Diodes Incorporated SDM05U40CSP Datasheet HTML 3Page - Diodes Incorporated SDM05U40CSP Datasheet HTML 4Page - Diodes Incorporated SDM05U40CSP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SDM05U40CSP
Document number: DS36601 Rev. 5 - 2
3 of 5
www.diodes.com
December 2016
© Diodes Incorporated
SDM05U40CSP
P
Figure 1 Typical Forward Characteristics
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
0.0001
0.001
0.01
0.1
1
10
0
200
400
600
800
1000
TA = -55°C
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
Figure 2 Typical Reverse Characteristics
V , REVERSE VOLTAGE (V)
R
1
10
100
1000
10000
100000
0
5
10
15
20
25
30
35
40
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
Figure 3 Typical Junction Capacitance
V , REVERSE VOLTAGE (V)
R
10
100
1000
0
10
20
30
40
f=1MHz
0
25
50
75
100
125
150
0
4
8
12
16
20
24
28
32
36
40
Figure 4 Operating Temperature Derating
V , DC REVERSE VOLTAGE (V)
R
Note 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com