Electronic Components Datasheet Search
  English  ▼

X  

MXD2020GL Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MXD2020GL
Description  Improved, Ultra Low Noise Dual Axis Accelerometer with Digital Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MXD2020GL Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MXD2020GL Datasheet HTML 1Page - List of Unclassifed Manufacturers MXD2020GL Datasheet HTML 2Page - List of Unclassifed Manufacturers MXD2020GL Datasheet HTML 3Page - List of Unclassifed Manufacturers MXD2020GL Datasheet HTML 4Page - List of Unclassifed Manufacturers MXD2020GL Datasheet HTML 5Page - List of Unclassifed Manufacturers MXD2020GL Datasheet HTML 6Page - List of Unclassifed Manufacturers MXD2020GL Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MEMSIC MXD2020GL/ML/NL/HL
Page 4 of 7
2002.08.29.1
MXD2020GL/HL/ML/NL PIN DESCRIPTIONS
VDD – This is the supply input for the digital circuits and
the sensor heater in the accelerometer. The DC voltage
should be between 3.0 and 5.25 volts. Refer to the section
on PCB layout and fabrication suggestions for guidance on
external parts and connections recommended.
VDA – This is the power supply input for the analog
amplifiers in the accelerometer. VDA should always be
connected to VDD. Refer to the section on PCB layout and
fabrication suggestions for guidance on external parts and
connections recommended.
Gnd – This is the ground pin for the accelerometer.
DOUTX – This pin is the digital output of the x-axis
acceleration sensor. It is factory programmable to 100 Hz
or 400 Hz. The user should ensure the load impedance is
sufficiently high as to not source/sink >100
µA typical.
While the sensitivity of this axis has been programmed at
the factory to be the same as the sensitivity for the y-axis,
the accelerometer can be programmed for non-equal
sensitivities on the x- and y-axes. Contact the factory for
additional information.
DOUTY – This pin is the digital output of the y-axis
acceleration sensor. It is factory programmable to 100 Hz
or 400 Hz. The user should ensure the load impedance is
sufficiently high as to not source/sink >100
µA typical.
While the sensitivity of this axis has been programmed at
the factory to be the same as the sensitivity for the x-axis,
the accelerometer can be programmed for non-equal
sensitivities on the x- and y-axes. Contact the factory for
additional information.
TOUT – This pin is the buffered output of the temperature
sensor. The analog voltage at TOUT is an indication of the
die temperature. This voltage is useful as a differential
measurement of temperature from ambient and not as an
absolute measurement of temperature.
Sck – The standard product is delivered with an internal
clock option (800kHz). This pin should be grounded
when operating with the internal clock. An external
clock option can be special ordered from the factory
allowing the user to input a clock signal between 400kHz
And 1.6MHz
Vref – A reference voltage is available from this pin. It is
set at 2.50V typical and has 100
µA of drive capability.
DISCUSSION OF TILT APPLICATIONS AND
RESOLUTION
Tilt Applications: One of the most popular applications of
the MEMSIC accelerometer product line is in
tilt/inclination measurement. An accelerometer uses the
force of gravity as an input to determine the inclination
angle of an object.
A MEMSIC accelerometer is most sensitive to changes in
position, or tilt, when the accelerometer’s sensitive axis is
perpendicular to the force of gravity, or parallel to the
Earth’s surface. Similarly, when the accelerometer’s axis is
parallel to the force of gravity (perpendicular to the Earth’s
surface), it is least sensitive to changes in tilt.
Table 1 and Figure 2 help illustrate the output changes in
the X- and Y-axes as the unit is tilted from +90
° to 0°.
Notice that when one axis has a small change in output per
degree of tilt (in mg), the second axis has a large change in
output per degree of tilt. The complementary nature of
these two signals permits low cost accurate tilt sensing to
be achieved with the MEMSIC device (reference
application note AN-00MX-007).
Top View
X
Y
+900
00
gravity
E
M
S
IC
Figure 2: Accelerometer Position Relative to Gravity
X-Axis
Y-Axis
X-Axis
Orientatio
n
To Earth’s
Surface
(deg.)
X Output
(g)
Change
per deg.
of tilt
(mg)
Y Output
(g)
Change
per deg.
of tilt
(mg)
90
1.000
0.15
0.000
17.45
85
0.996
1.37
0.087
17.37
80
0.985
2.88
0.174
17.16
70
0.940
5.86
0.342
16.35
60
0.866
8.59
0.500
15.04
45
0.707
12.23
0.707
12.23
30
0.500
15.04
0.866
8.59
20
0.342
16.35
0.940
5.86
10
0.174
17.16
0.985
2.88
5
0.087
17.37
0.996
1.37
0
0.000
17.45
1.000
0.15
Table 1: Changes in Tilt for X- and Y-Axes



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com