Electronic Components Datasheet Search
  English  ▼

X  

OLF300 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OLF300
Description  High-Speed Hermetic Surface Mount Optocoupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OLF300 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OLF300 Datasheet HTML 1Page - List of Unclassifed Manufacturers OLF300 Datasheet HTML 2Page - List of Unclassifed Manufacturers OLF300 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTIC ( T
A = - 55 °C to +125 °C, Unless Otherwise Specified )
I
F=16 mA, VO=0.4 V, VCC=4.5 V
I
F=0mA, VO=VCC=15V
I
F=10mA, VCC=15V, VO=open
I
F=0mA, VCC=15V, VO=open
I
F=10 mA
I
R=10 µA
Relative Humidity
≤ 45%,
T
A = 25°C, V I - O = 1000 Vdc
I
F=16 mA, Vcc= 5V,
R
L =8.2 KΩ,CL=50pF
I
F=0, RL=8.2KΩ,VCM=10V p-p
I
F=16, RL=8.2KΩ,VCM=10V p-p
Parameter
Symbol
Min
Typ.
Max Units
Test Conditions
Fig. Note
100
200
10
2.5
1.0
2.0
6.0
2
1
3,4
3,4
2
1
25
.05
40
.05
1.7
0.3
0.8
>1
>1
9
3
CTR
I
OH
I
CCL
I
CCH
V
F
B
VR
I
I - O
t
PHL
t
PLH
CM
H
CM
L
Current Transfer Ratio
Logic High Output Current
Logic Low Supply Current
Logic High Supply Current
Input Forward Voltage
Input Reverse
BreakdownVoltage
Input to Output
Leakage Current
Propagation Delay Time
LogicHigh to Low
Logic Low to High
Common Mode Trasient
immunity
Logic High Level
Logic Low Level
%
µA
µA
µA
V
V
µA
µS
µS
KV
KV
ALL TYPICAL @ T
A = 25°C
Absolute Maximum Ratings
± 1000 Vdc
-65
°C to +150°C
-55
°C to +125°C
240
°C
20 mA
40 mA
5.0 V
36 mW
8 mA
16 mA
-0.5 V to 18 V
-0.5 V to 18 V
50 mW
Coupled
Input to Output Isolation Voltage 1
Storage Temperature Range
Operation Temperature Range
Lead Temperature 1.6 mm from case for 10 sec.
Input Diode
Average Input Current
Peak Forward Current (
≤ 1mS duration )
Reverse Voltage
Power Dissipation
Output Detector
Average Output Current
Peak Output Current
Supply Voltage, Vcc
Output Voltage, Vout
Power Dissipation



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com