Electronic Components Datasheet Search
  English  ▼

X  

OLF300 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OLF300
Description  High-Speed Hermetic Surface Mount Optocoupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OLF300 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OLF300 Datasheet HTML 1Page - List of Unclassifed Manufacturers OLF300 Datasheet HTML 2Page - List of Unclassifed Manufacturers OLF300 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Description
Features
ISO
LINK
SCHEMATIC
PACKAGE OUTLINE
Hermetic SMT package
Electrical parameters guaranteed over
-55
°C to +125°C ambient temp. range
1000 Vdc electrical isolation
High-Speed, 1 Mbit/s typical
Open collector output
300 Khz bandwidth
Similar to 6N135/136, 4N55
Radiation tolerant
100% hi-rel screenings are offered
The OLF300 is suitable for interfac-
ing TTL to LSTTL, TTL or CMOS as well
as wide bandwidth analog applications.
Each OLF300 has a light emitting diode
and an integrated photo-diode transistor
detector mounted and coupled in a cus-
tom 8-pin hermetic flat pack package
providing 1000 Vdc electrical isolation
between input and output. The integrated
photo-diode transistor improves switching
speed by orders of magnitude as com-
pared to standard photo transistors, by
reducing the base to collector capaci-
tance. The internal shield provides excel-
lent common-mode immunity perfor-
mance.
1. Measured between pins 1, 2 and 6 shorted together and pins 3, 4, and 5 shorted together. T
A =25 °C and duration = 1 second.
2. Current transfer ratio is defined as the ratio of output collector current, Ic to the forward LED current, I
F
, times 100%.
NOTES:
OLF300
High-Speed
Hermetic Surface Mount
Optocoupler
1
2
3
4
5
6
7
8
.015±.002
.050 BSC
.180 SQ. MAX
.200 MIN.
.004/.006
.100 MAX.
.030±.005
SEATING PLANE
VCC
VOUT
CATHODE
ANODE
2
1
GND
5
Shield
6
8
VB
7


Similar Part No. - OLF300

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
OLF300 SKYWORKS-OLF300 Datasheet
263Kb / 6P
Hermetic Surface-Mount High-Speed Optocoupler
June 6, 2017
OLF300ET SKYWORKS-OLF300ET Datasheet
346Kb / 5P
Extended Temperature High-Speed Hermetic Surface-Mount Optocoupler
April 17, 2017
More results

Similar Description - OLF300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OLH300 ETC-OLH300 Datasheet
31Kb / 3P
High Speed Hermetic Optocoupler
logo
Etron Technology, Inc.
OLS700 ETRON-OLS700 Datasheet
21Kb / 3P
Hermetic Surface Mount Isolinear Optocoupler
logo
Skyworks Solutions Inc.
OLF300 SKYWORKS-OLF300 Datasheet
263Kb / 6P
Hermetic Surface-Mount High-Speed Optocoupler
June 6, 2017
OLF300ET SKYWORKS-OLF300ET Datasheet
346Kb / 5P
Extended Temperature High-Speed Hermetic Surface-Mount Optocoupler
April 17, 2017
OLF500 SKYWORKS-OLF500 Datasheet
312Kb / 6P
High CMR, High-Speed Logic Gate Hermetic Surface Mount Optocoupler
April 17, 2017
OLH300 SKYWORKS-OLH300 Datasheet
349Kb / 6P
High-Speed Hermetic Optocoupler
April 13, 2017
OLS100 SKYWORKS-OLS100 Datasheet
356Kb / 6P
Hermetic Surface-Mount Phototransistor Optocoupler
June 19, 2017
OLS300 SKYWORKS-OLS300 Datasheet
376Kb / 6P
Hermetic Surface-Mount High-Speed Optocoupler
June 1, 2017
OLS500 SKYWORKS-OLS500 Datasheet
360Kb / 6P
Hermetic Surface Mount High CMR, High-Speed Logic Gate Optocoupler
April 17, 2017
OLS600 SKYWORKS-OLS600 Datasheet
282Kb / 6P
Hermetic Surface Mount, High-Speed Schmitt Trigger Optocoupler
June 22, 2017
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com