Electronic Components Datasheet Search
  English  ▼

X  

X9259 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # X9259
Description  Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled (XDCP?? Potentiometers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9259 Datasheet(HTML) 1 Page - Renesas Technology Corp

  X9259 Datasheet HTML 1Page - Renesas Technology Corp X9259 Datasheet HTML 2Page - Renesas Technology Corp X9259 Datasheet HTML 3Page - Renesas Technology Corp X9259 Datasheet HTML 4Page - Renesas Technology Corp X9259 Datasheet HTML 5Page - Renesas Technology Corp X9259 Datasheet HTML 6Page - Renesas Technology Corp X9259 Datasheet HTML 7Page - Renesas Technology Corp X9259 Datasheet HTML 8Page - Renesas Technology Corp X9259 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
FN8169 Rev 6.00
Page 1 of 21
December 12, 2014
FN8169
Rev 6.00
December 12, 2014
X9259
Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled
(XDCP™) Potentiometers
DATASHEET
The X9259 integrates four digitally controlled potentiometers
(XDCP) on a monolithic CMOS integrated circuit.
The digitally controlled potentiometers are implemented with
a combination of resistor elements and CMOS switches. The
position of the wipers are controlled by the user through the
2-wire bus interface. Each potentiometer has associated with
it a volatile Wiper Counter Register (WCR) and four nonvolatile
Data Registers that can be directly written to and read by the
user. The content of the WCR controls the position of the wiper.
At power-up, the device recalls the content of the default Data
Registers of each DCP (DR00, DR10, DR20, and DR30) to the
corresponding WCR.
The XDCP can be used as a three-terminal potentiometer or as
a two-terminal variable resistor in a wide variety of
applications including control, parameter adjustments, and
signal processing.
Features
• Four separate potentiometers in one package
• 256 resistor taps–0.4% resolution
• 2-wire serial interface for write, read, and
transfer operations of the potentiometer
• Wiper resistance: 100Ω typical at VCC = 5V
• 4 nonvolatile data registers for each potentiometer
• Nonvolatile storage of multiple wiper positions
• Standby current <5µA max
•VCC: 2.7V to 5.5V operation
• 50kΩ version of total resistance
• Endurance: 100,000 data changes per bit per register
• 100 year data retention
• Single supply version of X9258
• 24 Ld SOIC, 24 Ld TSSOP
•Low power CMOS
• Pb-Free (RoHS compliant)
Functional Diagram
POWER UP,
INTERFACE
CONTROL
AND
VCC
VSS
2-WIRE
RH0
RL0
DCP0
RW0
A1
SDA
SCL
A3
A2
WP
WCR0
DR00
DR01
DR02
DR03
RH1
RL1
DCP1
RW1
WCR1
DR10
DR11
DR12
DR13
RH2
RL2
DCP2
RW2
WCR2
DR20
DR21
DR22
DR23
RH3
RL3
DCP3
RW3
WCR3
DR30
DR31
DR32
DR33
A0
INTERFACE
STATUS


Similar Part No. - X9259

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9259 XICOR-X9259 Datasheet
400Kb / 25P
Quad Digitally-Controlled (XDCP) Potentiometers
logo
Intersil Corporation
X9259 INTERSIL-X9259 Datasheet
364Kb / 21P
Single Supply/Low Power/256-Tap/2-Wire bus
September 16, 2005
X9259 INTERSIL-X9259 Datasheet
319Kb / 21P
Quad Digitally-Controlled Potentiometers
April 13, 2007
X9259 INTERSIL-X9259 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
X9259 INTERSIL-X9259 Datasheet
431Kb / 21P
Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled (XDCP) Potentiometers
December 12, 2014
More results

Similar Description - X9259

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9259US24Z INTERSIL-X9259US24Z Datasheet
431Kb / 21P
Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled (XDCP) Potentiometers
December 12, 2014
logo
Renesas Technology Corp
X9118 RENESAS-X9118 Datasheet
736Kb / 17P
Dual Supply/Low Power/1024-Tap/2-Wire Bus Single Digitally-Controlled (XDCP?? Potentiometer
X9250 RENESAS-X9250 Datasheet
822Kb / 20P
Low Noise/Low Power/SPI Bus/256 Taps Quad Digitally Controlled Potentiometers (XDCP??
X9251 RENESAS-X9251 Datasheet
849Kb / 21P
Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled (XDCP??Potentiometer
X9252 RENESAS-X9252 Datasheet
800Kb / 19P
Low Power Quad 256-tap 2-Wire Bus Up/Down Interface Quad Digitally-Controlled (XDCP?? Potentiometer
X9268 RENESAS-X9268 Datasheet
850Kb / 22P
Dual Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
X9269 RENESAS-X9269 Datasheet
923Kb / 24P
Single Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
X9271 RENESAS-X9271 Datasheet
791Kb / 19P
Single Supply/Low Power/256-Tap/SPI Bus Single, Digitally Controlled (XDCP?? Potentiometer
X9408 RENESAS-X9408 Datasheet
814Kb / 20P
Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled (XDCP?? Potentiometers
X9409 RENESAS-X9409 Datasheet
788Kb / 19P
Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled Potentiometers (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com