Electronic Components Datasheet Search
  English  ▼

X  

X9259 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # X9259
Description  Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled (XDCP?? Potentiometers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9259 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button X9259 Datasheet HTML 9Page - Renesas Technology Corp X9259 Datasheet HTML 10Page - Renesas Technology Corp X9259 Datasheet HTML 11Page - Renesas Technology Corp X9259 Datasheet HTML 12Page - Renesas Technology Corp X9259 Datasheet HTML 13Page - Renesas Technology Corp X9259 Datasheet HTML 14Page - Renesas Technology Corp X9259 Datasheet HTML 15Page - Renesas Technology Corp X9259 Datasheet HTML 16Page - Renesas Technology Corp X9259 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
X9259
FN8169 Rev 6.00
Page 13 of 21
December 12, 2014
DC Electrical Specifications Over the recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
MIN
TYP
MAX
UNITS
ICC1
VCC supply current
(active)
fSCL = 400kHz; VCC = +6V;
SDA = Open; (for 2-Wire, Active, Read and
Volatile Write States only)
3mA
ICC2
VCC supply current
(nonvolatile write)
fSCL = 400kHz; VCC = +6V;
SDA = Open; (for 2-Wire, Active,
Nonvolatile Write State only)
5mA
ISB
VCC current (standby)
VCC = +6V; VIN = VSS or VCC; SDA = VCC;
(for 2-Wire, Standby State only)
5µA
ILI
Input leakage current
VIN = VSS to VCC
10
µA
ILO
Output leakage current
VOUT = VSS to VCC
10
µA
VIH
Input HIGH voltage
VCC x 0.7
V
VIL
Input LOW voltage
VCC x 0.3
V
VOL
Output LOW voltage
IOL = 3mA
0.4
V
VOH
Output HIGH voltage
IOH = -1mA, VCC  +3V
VCC - 0.8
V
VOH
Output HIGH voltage
IOH = -0.4mA, VCC  +3V
VCC - 0.4
V
Endurance and Data Retention
PARAMETER
MIN
UNITS
Minimum endurance
100,000
Data changes per bit per register
Data retention
100
years
Capacitance
SYMBOL
TEST
MAX
UNITS
TEST CONDITIONS
CIN/OUT (Note 15) Input / Output capacitance (SDA)
8
pF
VOUT = 0V
CIN (Note 15)
Input capacitance (SCL, WP, A2, A1 and A0)
6
pF
VIN = 0V
Power-up Timing
SYMBOL
PARAMETER
MIN
MAX
UNITS
tr VCC (Note 15)VCC Power-up rate
0.2
V/ms
tPUR (Note 16)
Power-up to initiation of read operation
1
ms
tPUW (Note 16)
Power-up to initiation of write operation
50
ms
AC Test Conditions
Input Pulse Levels
VCC x 0.1 to VCC x 0.9
Input rise and fall times
10ns
Input and output timing level
VCC x 0.5
NOTES:
15. This parameter is not 100% tested
16. tPUR and tPUW are the delays required from the time the power supply (VCC) is stable until the specific instruction can be issued. These parameters
are periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com