Electronic Components Datasheet Search
  English  ▼

X  

P89LPC913 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # P89LPC913
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC913 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button P89LPC913 Datasheet HTML 34Page - NXP Semiconductors P89LPC913 Datasheet HTML 35Page - NXP Semiconductors P89LPC913 Datasheet HTML 36Page - NXP Semiconductors P89LPC913 Datasheet HTML 37Page - NXP Semiconductors P89LPC913 Datasheet HTML 38Page - NXP Semiconductors P89LPC913 Datasheet HTML 39Page - NXP Semiconductors P89LPC913 Datasheet HTML 40Page - NXP Semiconductors P89LPC913 Datasheet HTML 41Page - NXP Semiconductors P89LPC913 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 63 page
background image
Philips Semiconductors
P89LPC912/913/914
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 03 — 17 December 2004
38 of 63
9397 750 14468
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
9.17.2
Mode 1
10 bits are transmitted (through TxD) or received (through RxD): a start bit
(logical ‘0’), 8 data bits (LSB first), and a stop bit (logical ‘1’). When data is received,
the stop bit is stored in RB8 in Special Function Register SCON. The baud rate is
variable and is determined by the Timer 1 overflow rate or the Baud Rate Generator
(described in Section 9.17.5 “Baud rate generator and selection”).
9.17.3
Mode 2
11 bits are transmitted (through TxD) or received (through RxD): start bit (logical ‘0’),
8 data bits (LSB first), a programmable 9th data bit, and a stop bit (logical ‘1’). When
data is transmitted, the 9th data bit (TB8 in SCON) can be assigned the value of ‘0’ or
‘1’. Or, for example, the parity bit (P, in the PSW) could be moved into TB8. When
data is received, the 9th data bit goes into RB8 in Special Function Register SCON,
while the stop bit is not saved. The baud rate is programmable to either 1
⁄16 or 1⁄32 of
the CCLK frequency, as determined by the SMOD1 bit in PCON.
9.17.4
Mode 3
11 bits are transmitted (through TxD) or received (through RxD): a start bit
(logical ‘0’), 8 data bits (LSB first), a programmable 9th data bit, and a stop bit
(logical ‘1’). In fact, Mode 3 is the same as Mode 2 in all respects except baud rate.
The baud rate in Mode 3 is variable and is determined by the Timer 1 overflow rate or
the Baud Rate Generator (described in section Section 9.17.5 “Baud rate generator
and selection”).
9.17.5
Baud rate generator and selection
The P89LPC913 and P89LPC914 devices have an independent Baud Rate
Generator. The baud rate is determined by a baud-rate preprogrammed into the
BRGR1 and BRGR0 SFRs which together form a 16-bit baud rate divisor value that
works in a similar manner as Timer 1. If the baud rate generator is used, Timer 1 can
be used for other timing functions.
The UART can use either Timer 1 or the baud rate generator output (see Figure 15).
Note that Timer T1 is further divided by 2 if the SMOD1 bit (PCON.7) is cleared. The
independent Baud Rate Generator uses CCLK.
9.17.6
Framing error
Framing error is reported in the status register (SSTAT). In addition, if SMOD0
(PCON.6) is ‘1’, framing errors can be made available in SCON.7, respectively. If
SMOD0 is ‘0’, SCON.7 is SM0. It is recommended that SM0 and SM1 (SCON.7:6)
are set up when SMOD0 is ‘0’.
Fig 15. Baud rate sources for UART (Modes 1, 3).
Baud Rate Modes 1 and 3
SBRGS = 1
SBRGS = 0
SMOD1 = 0
SMOD1 = 1
¸2
Timer 1 Overflow
(PCLK-based)
Baud Rate Generator
(CCLK-based)
002aaa419



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com