Electronic Components Datasheet Search
  English  ▼

X  

P89LPC913 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # P89LPC913
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC913 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button P89LPC913 Datasheet HTML 11Page - NXP Semiconductors P89LPC913 Datasheet HTML 12Page - NXP Semiconductors P89LPC913 Datasheet HTML 13Page - NXP Semiconductors P89LPC913 Datasheet HTML 14Page - NXP Semiconductors P89LPC913 Datasheet HTML 15Page - NXP Semiconductors P89LPC913 Datasheet HTML 16Page - NXP Semiconductors P89LPC913 Datasheet HTML 17Page - NXP Semiconductors P89LPC913 Datasheet HTML 18Page - NXP Semiconductors P89LPC913 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 63 page
background image
Philips Semiconductors
P89LPC912/913/914
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 03 — 17 December 2004
15 of 63
9397 750 14468
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
7.1 Product comparison
Table 6 highlights the differences between these three devices. For a complete list of
device features, please see Section 2 “Features” on page 1.
8.
Special function registers
Remark: Special Function Registers (SFRs) accesses are restricted in the following
ways:
• User must not attempt to access any SFR locations not defined.
• Accesses to any defined SFR locations must be strictly for the functions for the
SFRs.
• SFR bits labeled ‘-’, ‘0’ or ‘1’ can only be written and read as follows:
– ‘-’ Unless otherwise specified, must be written with ‘0’, but can return any value
when read (even if it was written with ‘0’). It is a reserved bit and may be used in
future derivatives.
– ‘0’ must be written with ‘0’, and will return a ‘0’ when read.
– ‘1’ must be written with ‘1’, and will return a ‘1’ when read.
Table 6:
Product comparison
Type number
External
crystal pins
X2 CLKOUT
T0 PWM
output
SPI with
SS pin
SPI
without
SS pin
UART
Max fosc
(MHz)
TxD
RxD
P89LPC912
X
X
X
X
-
-
-
18
P89LPC913
X
X
-
-
X
X
X
18
P89LPC914
-
-
X
X
-
X
X
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com