Electronic Components Datasheet Search
  English  ▼

X  

FSB70550 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FSB70550
Description  Motion SPM 7 Series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB70550 Datasheet(HTML) 4 Page - ON Semiconductor

  FSB70550 Datasheet HTML 1Page - ON Semiconductor FSB70550 Datasheet HTML 2Page - ON Semiconductor FSB70550 Datasheet HTML 3Page - ON Semiconductor FSB70550 Datasheet HTML 4Page - ON Semiconductor FSB70550 Datasheet HTML 5Page - ON Semiconductor FSB70550 Datasheet HTML 6Page - ON Semiconductor FSB70550 Datasheet HTML 7Page - ON Semiconductor FSB70550 Datasheet HTML 8Page - ON Semiconductor FSB70550 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
©2013 Fairchild Semiconductor Corporation
3
www.fairchildsemi.com
FSB70550 Rev. 1.2
Pin descriptions
Figure 1. Pin Configuration and Internal Block Diagram
1st Notes:
4. Source terminal of each low-side MOSFET is not connected to supply ground or bias voltage ground inside Motion SPM® 7 product. External connections should be made as
indicated in Figure 2.
5. The suffix -a pad is connected with same number pin. ex) 8 and 8a is connected inside.
Pin Number
Pin Name
Pin Description
1
/FO
Fault Output
2VTS
Voltage Output of HVIC Temperature
3
Cfod
Capacitor for Duration of Fault Output
4
Csc
Capacitor (Low-pass Filter) for Short-circuit Current Detection Input
5VDD
Supply Bias Voltage for IC and MOSFETs Driving
6
IN_UH
Signal Input for High-side U Phase
7
IN_VH
Signal Input for High-side V Phase
8 (8a)
COM
Common Supply Ground
9
IN_WH
Signal Input for High-side W Phase
10
IN_UL
Signal Input for Low-side U Phase
11
IN_VL
Signal Input for Low-side V Phase
12
IN_WL
Signal Input for Low-side W Phase
13
Nu
Negative DC-Link Input for U Phase
14
U
Output for U Phase
15
Nv
Negative DC-Link Input for V Phase
16
V
Output for V Phase
17
W
Output for W Phase
18
Nw
Negative DC-Link Input for W Phase
19
VS(W)
High-side Bias Voltage Ground for W phase Mosfet driving
20
PW
Positive DC-Link Input for W Phase
21
PV
Positive DC-Link Input for V Phase
22
PU
Positive DC-Link Input for U Phase
23 (23a)
VS(V)
High-side Bias Voltage Ground for V Phase MOSFETs Driving
24 (24a)
VS(U)
High-side Bias Voltage Ground for U Phase MOSFETs Driving
25
VB(U)
High-side Bias Voltage for U Phase MOSFETs Driving
26
VB(V)
High-side Bias Voltage for V Phase MOSFETs Driving
27
VB(W)
High-side Bias Voltage for W Phase MOSFETs Driving
WH
VH
UH
OUT(WL)
OUT(VL)
OUT(UL)
(13) Nu
(17) W
(16) V
(14) U
(21) Pv
(19) VS(W)
(23), (23a) VS(V)
(6) IN_UH
(7) IN_VH
(9) IN_WH
COM
(24), (24a) VS(U)
OUT(UH)
VDD
OUT(VH)
OUT(WH)
VS(U)
VS(V)
VS(W)
(5) VDD
(8),(8a) COM
UL
(10) IN_UL
VL
(11) IN_VL
WL
(12) IN_WL
/Fo
(1) /Fo
(2) VTS
VTS
Cfod
(3) Cfod
Csc
(4) Csc
(25) VB(U)
(26) VB(V)
VB(U)
(27) VB(W)
VB(V)
VB(W)
(15) Nv
(18) Nw
(22) Pu
(20) Pw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com