Electronic Components Datasheet Search
  English  ▼

X  

FSB70550 Datasheet(PDF) 7 Page - ON Semiconductor

Part # FSB70550
Description  Motion SPM 7 Series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB70550 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FSB70550 Datasheet HTML 3Page - ON Semiconductor FSB70550 Datasheet HTML 4Page - ON Semiconductor FSB70550 Datasheet HTML 5Page - ON Semiconductor FSB70550 Datasheet HTML 6Page - ON Semiconductor FSB70550 Datasheet HTML 7Page - ON Semiconductor FSB70550 Datasheet HTML 8Page - ON Semiconductor FSB70550 Datasheet HTML 9Page - ON Semiconductor FSB70550 Datasheet HTML 10Page - ON Semiconductor FSB70550 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
©2013 Fairchild Semiconductor Corporation
6
www.fairchildsemi.com
FSB70550 Rev. 1.2
Figure 3. Switching Time Definition
Figure 4. Switching Test Circuit (Low-side)
Figure 5. Under Voltage Protection
V DS
I D
V IN
t ON
t D( O N )
V IN ( O N )
10%
I D
90 %
I D
10 0 %
I D
t rr
12 0%
I D
V DS
I D
V IN
t OF F
t D ( O FF)
V IN ( O F F )
10 %
I D
( a ) Tur n- on
( b) Tur n- of f
I rr
90 %
I D
15-V
Line
5-V
Line
/Fo
VDD
LIN
HIN
VB
HO
VS
LO
VTS
COM
I
D
LV
DC
+
V
DS
-
UVBSD(DDD)
UVBSR(DDR)
Input Signal
UV Protection
Status
High-side/Low -side
MOSFET Drain Current
RESET
DETECTION
RESET
Fault Output
(Only Low-side UV protection)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com