Electronic Components Datasheet Search
  English  ▼

X  

X9420WS16 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # X9420WS16
Description  Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9420WS16 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button X9420WS16 Datasheet HTML 5Page - Renesas Technology Corp X9420WS16 Datasheet HTML 6Page - Renesas Technology Corp X9420WS16 Datasheet HTML 7Page - Renesas Technology Corp X9420WS16 Datasheet HTML 8Page - Renesas Technology Corp X9420WS16 Datasheet HTML 9Page - Renesas Technology Corp X9420WS16 Datasheet HTML 10Page - Renesas Technology Corp X9420WS16 Datasheet HTML 11Page - Renesas Technology Corp X9420WS16 Datasheet HTML 12Page - Renesas Technology Corp X9420WS16 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
X9420
FN8195 Rev.1.00
Page 9 of 19
April 26, 2006
Instruction Format
Notes:
(1) “A1 ~ A0”: stands for the device addresses sent by the master.
(2) WPx refers to wiper position data in the Wiper Counter Register
“I”: stands for the increment operation, SI held HIGH during active SCK phase (high).
(3) “D”: stands for the decrement operation, SI held LOW during active SCK phase (high).
Read Wiper Counter Register (WCR)
Write Wiper Counter Register (WCR)
Read Data Register (DR)
Read the contents of the Register pointed to by R1 - R0.
Write Data Register (DR)
Write a new value to the Register pointed to by R1 - R0.
Transfer Data Register (DR) to Wiper Counter Register (WCR)
Transfer the contents of the Register pointed to by R1 - R0 to the WCR.
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
wiper position
(sent by X9420 on SO)
CS
Rising
Edge
010 111 0 A
0 1 0010 000 00
W
P
5
W
P
4
W
P
3
W
P
2
W
P
1
W
P
0
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
Data Byte
(sent by Host on SI)
CS
Rising
Edge
010 111 0 A
0 1 0100 000 00
W
P
5
W
P
4
W
P
3
W
P
2
W
P
1
W
P
0
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
register
addresses
Data Byte
(sent by X9420 on SO)
CS
Rising
Edge
01011 10 A
0 1011
R
1
R
0 0000
W
P
5
W
P
4
W
P
3
W
P
2
W
P
1
W
P
0
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
register
addresses
Data Byte
(sent by host on SI)
CS
Rising
Edge
HIGH-VOLTAGE
WRITE CYCLE
01011 10 A
0 110 0
R
1
R
0 00 00
W
P
5
W
P
4
W
P
3
W
P
2
W
P
1
W
P
0
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
register
addresses
CS
Rising
Edge
0101 110 A
0 1 101
R
1
R
0 00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com