Electronic Components Datasheet Search
  English  ▼

X  

X9420WS16 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # X9420WS16
Description  Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9420WS16 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button X9420WS16 Datasheet HTML 6Page - Renesas Technology Corp X9420WS16 Datasheet HTML 7Page - Renesas Technology Corp X9420WS16 Datasheet HTML 8Page - Renesas Technology Corp X9420WS16 Datasheet HTML 9Page - Renesas Technology Corp X9420WS16 Datasheet HTML 10Page - Renesas Technology Corp X9420WS16 Datasheet HTML 11Page - Renesas Technology Corp X9420WS16 Datasheet HTML 12Page - Renesas Technology Corp X9420WS16 Datasheet HTML 13Page - Renesas Technology Corp X9420WS16 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
X9420
FN8195 Rev.1.00
Page 10 of 19
April 26, 2006
Transfer Wiper Counter Register (WCR) to Data Register (DR)
Increment/Decrement Wiper Counter Register (WCR)
Read Status
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
register
addresses
CS
Rising
Edge
HIGH-VOLTAGE
WRITE CYCLE
010 1110 A
0 111 0
R
1
R
0 00
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
increment/decrement
(sent by master on SDA)
CS
Rising
Edge
010 111 0 A
0 001 00 000 I/D I/D .
.
.
. I/D I/D
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
Data Byte
(sent by X9420 on SO)
CS
Rising
Edge
01011 10 A
0 01010 00100000 00
W
I
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com