Electronic Components Datasheet Search
  English  ▼

X  

X80204 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # X80204
Description  Power Supply Sequencer with Power-up System Monitoring
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X80204 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button X80204 Datasheet HTML 7Page - Renesas Technology Corp X80204 Datasheet HTML 8Page - Renesas Technology Corp X80204 Datasheet HTML 9Page - Renesas Technology Corp X80204 Datasheet HTML 10Page - Renesas Technology Corp X80204 Datasheet HTML 11Page - Renesas Technology Corp X80204 Datasheet HTML 12Page - Renesas Technology Corp X80204 Datasheet HTML 13Page - Renesas Technology Corp X80204 Datasheet HTML 14Page - Renesas Technology Corp X80204 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
X80200, X80201, X80202, X80203, X80204
FN8154 Rev 0.00
Page 11 of 16
January 21, 2005
SERIAL START CONDITION
All commands are preceded by the start condition, which is a
HIGH to LOW transition of SDA when SCL is HIGH. The
device continuously monitors the SDA and SCL lines for the
start condition and will not respond to any command until this
condition has been met. (See Figure 8.)
SERIAL STOP CONDITION
All communications must be terminated by a stop condition,
which is a LOW to HIGH transition of SDA when SCL is HIGH,
followed by a HIGH to LOW transition on SCL. After going
LOW, SCL can stay LOW or return to HIGH. (See Figure 8.)
Slave Address Byte
Following a START condition, the master must output a Slave
Address Byte. This byte consists of three parts:
• The Device Type Identifier which consists of the most
significant four bits of the Slave Address. The Device Type
Identifier MUST be set to 1010 in order to select the device.
• The next 3 bits (SA3 - SA1) are slave address bits. These
bits are compared to the status of the input pins A2–A0.
• The Least Significant Bit of the Slave Address (SA0) Byte is
the R/W bit. This bit defines the operation to be performed
on the device being addressed (as defined in the bits SA2 -
SA1). When the R/W bit is “1”, then a READ operation is
selected. A “0” selects a WRITE operation.
Word Address
The next 8 bits following the slave byte, BA7–BA0, determine
the portion of the device accessed. If all ‘0’s, then Status
Register (SR) is selected. If all ‘1’s, then the Remote Shutdown
Register (RSR) is selected.
Serial Acknowledge
Acknowledge is a software convention used to indicate
successful data transfer. The transmitting device, either master
or slave, will release the bus after transmitting eight bits.
During the ninth clock cycle, the receiver will pull the SDA line
LOW to acknowledge that it received the eight bits of data.
(See Figure 9.)
The device will respond with an acknowledge after recognition
of a start condition and if the correct Device Identifier and
Select bits are contained in the Slave Address Byte. If a write
operation is selected, the device will respond with an
acknowledge after the receipt of each subsequent eight bit
word. The device will acknowledge all incoming data and
address bytes, except for the Slave Address Byte when the
Device Identifier and/or Select bits are incorrect.
Write Operation
For a write operation, the device requires the Slave Address
Byte and a Word Address Byte. This gives the master access
to the registers. After receipt of the Word Address Byte, the
device responds with an acknowledge, and awaits the next
eight bits of data. After receiving the 8 bits of the Data Byte, the
device again responds with an acknowledge. The master then
terminates the transfer by generating a stop condition. (See
Figure 11, See Figure 1 for bus timing.)
In order to perform a write operation to Remote Shutdown
Register, the Write Enable Latch (WEL) bit must first be set.
SCL
SDA
DATA STABLE
DATA
CHANGE
DATA STABLE
FIGURE 7. VALID DATA CHANGES ON THE SDA BUS
SCL
SDA
START
STOP
FIGURE 8. VALID START AND STOP CONDITIONS
8
9
1
SCL FROM
MASTER
DATA OUTPUT
FROM TRANSMITTER
DATA OUTPUT
FROM RECEIVER
START
ACKNOWLEDGE
FIGURE 9. ACKNOWLEDGE RESPONSE FROM RECEIVER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com