Electronic Components Datasheet Search
  English  ▼

X  

X80204 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # X80204
Description  Power Supply Sequencer with Power-up System Monitoring
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X80204 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button X80204 Datasheet HTML 8Page - Renesas Technology Corp X80204 Datasheet HTML 9Page - Renesas Technology Corp X80204 Datasheet HTML 10Page - Renesas Technology Corp X80204 Datasheet HTML 11Page - Renesas Technology Corp X80204 Datasheet HTML 12Page - Renesas Technology Corp X80204 Datasheet HTML 13Page - Renesas Technology Corp X80204 Datasheet HTML 14Page - Renesas Technology Corp X80204 Datasheet HTML 15Page - Renesas Technology Corp X80204 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
X80200, X80201, X80202, X80203, X80204
FN8154 Rev 0.00
Page 15 of 16
January 21, 2005
DC-DC
#1
OPTION
SMBus
SMBus
H (OPTIONAL)
PRIMARY
V I/O
VID4:ID0
PULL UP
TO SET
ADDRESS HIGH
OPTIONAL
FORCED
SEQUENCING
SYSTEM
COMPONENTS &
BOARD SUPPLIES
VCORE V I/O Primary
3.3V
5V
5V
2.7V
2.5V
2.0V
1.8V
1.25V
0.9V
3.3V
2.5V
1.35V
1.25V
DC-DC
#2
VID4:IDO
VCORE
PWRGD
SCL
SDA
VRM
POWER
SUPPLY
I/O SUPPLY
CORE SUPPLY
µP/
ASICs/
FPGA
M
POWER SEQUENCING (TIME BASED MODE)
USING POWER GOOD SIGNALS
DELAY
10
7,8,55-57
5
9
OUTEN
PGOOD1
53
NC
X80200
VDDH
VDDM
SETV
VDDL
GATEH_EN
SDA
SCL
GND
A2
A0
ENS
GATE_L
GATE_M
GATE_H
VFB
REF
READY
FIGURE 15. POWER SEQUENCING OF VRM SUPPLIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com