Electronic Components Datasheet Search
  English  ▼

X  

RP56LD Datasheet(PDF) 17 Page - Synaptics Incorporated.

Part # RP56LD
Description  LOW VOLTAGE V.90/K56FLEX V.34/V.32 BIS MODEM DATA PUMPS FOR LOW POWER APPLICATIONS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RP56LD Datasheet(HTML) 17 Page - Synaptics Incorporated.

Back Button RP56LD Datasheet HTML 13Page - Synaptics Incorporated. RP56LD Datasheet HTML 14Page - Synaptics Incorporated. RP56LD Datasheet HTML 15Page - Synaptics Incorporated. RP56LD Datasheet HTML 16Page - Synaptics Incorporated. RP56LD Datasheet HTML 17Page - Synaptics Incorporated. RP56LD Datasheet HTML 18Page - Synaptics Incorporated. RP56LD Datasheet HTML 19Page - Synaptics Incorporated. RP56LD Datasheet HTML 20Page - Synaptics Incorporated. RP56LD Datasheet HTML 21Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
/RZ9ROWDJH9.IOH[99ELV/RZ3RZHU0RGHP'DWD3XPSV 53/'53/'DQG53/'
0'

7DEOH  0'3 6LJQDO 'HILQLWLRQV &RQWG
Label
I/O Type
Signal Name/Description
OVERHEAD SIGNALS (CONTINUED)
MK4
IA
PLL Circuit Enable/Disable (144-Pin TQFP). This pin disables (MK4 = high) or enables (MK4 = low,
recommended setting) the internal PLL circuit. Connect this pin to GND to enable the PLL circuit. Internal pull-up
provided. MK4 must be low if using the 28.224 MHz option. See MK5.
Note: The 100-pin PQFP is internally bonded to enable the internal PLL.
MK5
IA
PLL Circuit Frequency Select (144-Pin TQFP). This pin selects the input frequency (MK5 high = 28.224 MHz,
MK5 low = 56.448 MHz) when the internal PLL circuit is enabled (MK4 = low). If the PLL is disabled (MK4 =
high), leave MK5 high and use 56.448 MHz. Internal pull-up provided. See MK4. If 28.224 MHz input frequency
is used, MK4 must be low and MK5 must be high.
Note: The 100-pin PQFP is internally bonded to select a 28.224 MHz input frequency.
MK4
MK5
PLL Enabled
Crystal/Clock
0
0
Yes
56.448 MHz
0
1
Yes
28.224 MHz (Most common)
1
0
No
Invalid Option
1
1
No
56.448 MHz
PARALLEL HOST INTERFACE
Address, data, control, and interrupt hardware interface signals allow MDP connection to an 8086-compatible microprocessor bus. With the
addition of external logic, the interface can be made compatible with a wide variety of other microprocessors such as the 6502, 8086 or
68000. The microprocessor interface allows a microprocessor to change MDP configuration, read or write channel and diagnostic data, and
supervise MDP operation by writing control bits and reading status bits.
D0–D7
IA/OB
Data Lines. Eight bidirectional data lines (D0–D7) provide parallel transfer of data between the host and the
MDP. The most significant bit is D7. Data direction is controlled by the Read Enable and Write Enable signals.
RS0–RS4
IA
Register Select Lines. The five active high register select lines (RS0–RS4) address internal MDP interface
memory registers and are typically connected to the five least significant lines (A0–A4) of the address bus.
The MDP decodes RS0 through RS4 to address one of 32 internal interface memory registers (00–1F). The
most significant address bit is RS4, while the least significant address bit is RS0. The selected register can be
read from or written into via the 8-bit parallel data bus (D0–D7). The most significant data bit is D7, while the
least significant data bit is D0.
~CS
IA
Chip Select. ~CS selects the MDP for microprocessor bus operation. ~CS is typically generated by decoding
host address bus lines.
~READ
IA
Read Enable. During a read cycle (~READ asserted), data from the selected interface memory register is gated
onto the data bus by means of three-state drivers in the MDP. These drivers force the data lines high for a one
bit, or low for a zero bit. When not being read, the three-state drivers assume their high-impedance (off) state.
~WRITE
IA
Write Enable. During a write cycle (~WRITE asserted), data from the data bus is copied into the selected MDP
interface memory register, with high and low bus levels representing one and zero bit states, respectively.
IRQ
OA
Interrupt Request. The MDP IRQ output may be connected to the host processor interrupt request input in
order to interrupt host program execution for immediate MDP service. The IRQ output can be enabled in the
MDP interface memory to indicate immediate change of conditions. The use of IRQ is optional depending upon
MDP application. The IRQ output is driven by a TTL-compatible CMOS driver.
VOICE SERIAL INTERFACE (144-PIN R6785; SP MODEL)
Timing and data signals provide a voice serial interface which is used to transfer 16-bit linear or 8-bit A-Law/µ-Law PCM voice samples in full-
duplex speakerphone form with acoustic echo cancellation to and from the host. These signals can be used in concurrent voice and data
applications by the host.
In non-SP models, voice samples are not supported on these pins and these pins should be left open.
SR8OUT
OA
Serial Data Out. Analog voice on the MICV input pin is converted to 16-bit linear or 8-bit A-Law/µ-Law PCM
digital voice samples and output on this pin in serial form to the host.
SR8IN
IN
Serial Data In. Digital voice in 16-bit linear or 8-bit A-Law/µ-Law PCM form is received from the host on this
serial data input pin, converted to analog form and routed to the SPKR output pin.
SR4CLK
IA
Serial Shift Clock. Serial bit clock used to shift data bits into the MDP on the SR8IN pin and out of the MDP on
the SR8OUT pin. Connect to MDP CLKOUT (PB0) pin.
SA4CLK
IA
Sample Shift Clock. Serial frame clock used to synchronize words shifted in on the SR8IN pin and shifted out
on the SR8OUT pin. SA4CLK clock edges must align with the rising edge of SR4CLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com