Electronic Components Datasheet Search
  English  ▼

X  

RP56LD Datasheet(PDF) 21 Page - Synaptics Incorporated.

Part # RP56LD
Description  LOW VOLTAGE V.90/K56FLEX V.34/V.32 BIS MODEM DATA PUMPS FOR LOW POWER APPLICATIONS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RP56LD Datasheet(HTML) 21 Page - Synaptics Incorporated.

Back Button RP56LD Datasheet HTML 16Page - Synaptics Incorporated. RP56LD Datasheet HTML 17Page - Synaptics Incorporated. RP56LD Datasheet HTML 18Page - Synaptics Incorporated. RP56LD Datasheet HTML 19Page - Synaptics Incorporated. RP56LD Datasheet HTML 20Page - Synaptics Incorporated. RP56LD Datasheet HTML 21Page - Synaptics Incorporated. RP56LD Datasheet HTML 22Page - Synaptics Incorporated. RP56LD Datasheet HTML 23Page - Synaptics Incorporated. RP56LD Datasheet HTML 24Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
/RZ9ROWDJH9.IOH[99ELV/RZ3RZHU0RGHP'DWD3XPSV 53/'53/'DQG53/'
0'

7DEOH  'LJLWDO (OHFWULFDO &KDUDFWHULVWLFV
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions1
Input High Voltage
V
IH
Vdc
Type IA
2.0
–
V
CC
Input High Current
I
IH
–
–
40
µA
Input Low Voltage
V
IL
0.3
0.8
VDC
Input Low Current
I
IL
–
–
40
µA
Input Leakage Current
I
IN
–
–
±100
µADC
V
IN
= 0 to +3.3V, V
CC
= 3.6V
Output High Voltage
V
OH
––
VDC
Type OA
2.4
–
V
CC
I
LOAD
= – 100 µA
Type OD
I
LOAD
= 0 mA
Output Low Voltage
V
OL
VDC
Type OA
–
–
0.4
I
LOAD
= 1.6 mA
Type OD
–
–
0.75
I
LOAD
= 15 mA
Three-State (Off) Current
I
TSI
±10
µADC
V
IN
= 0.4 to V
CC
-1
7DEOH  $QDORJ (OHFWULFDO &KDUDFWHULVWLFV
Signal Name
Type
Characteristic
Value
RIN, TELIN,
I (DA)
Input Impedance
> 70K
Ω
MICM, MICV
AC Input Voltage Range
1.1 VP-P
Reference Voltage
+1.35 VDC (VAA = +3.3V) or +2.5 VDC (VAA = +5V)
TXA1, TXA2,
O (DD)
Minimum Load
300
Ω
TELOUT
Maximum Capacitive Load
0 µF
Output Impedance
10
Ω
AC Output Voltage Range
1.4 VP-P (VAA = +3.3V) or 2.2 VP-P (VAA = +5V)
(with reference to ground and a 600
Ω load)
Reference Voltage
+1.35 VDC (VAA = +3.3V) or +2.5 VDC (VAA = +5V)
DC Offset Voltage
± 200 mV
SPK
O (DF)
Minimum Load
300
Ω
Maximum Capacitive Load
0.01 µF
Output Impedance
10
Ω
AC Output Voltage Range
1.4 VP-P (VAA = +3.3V) or 2.2 VP-P (VAA = +5V)
Reference Voltage
+1.35 VDC (VAA = +3.3V) or +2.5 VDC (VAA = +5V)
DC Offset Voltage
± 20 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com