Electronic Components Datasheet Search
  English  ▼

X  

PIC16F62XT-04/SS Datasheet(PDF) 61 Page - Microchip Technology

Part # PIC16F62XT-04/SS
Description  FLASH-Based 8-Bit CMOS Microcontroller
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F62XT-04/SS Datasheet(HTML) 61 Page - Microchip Technology

Back Button PIC16F62XT-04/SS Datasheet HTML 57Page - Microchip Technology PIC16F62XT-04/SS Datasheet HTML 58Page - Microchip Technology PIC16F62XT-04/SS Datasheet HTML 59Page - Microchip Technology PIC16F62XT-04/SS Datasheet HTML 60Page - Microchip Technology PIC16F62XT-04/SS Datasheet HTML 61Page - Microchip Technology PIC16F62XT-04/SS Datasheet HTML 62Page - Microchip Technology PIC16F62XT-04/SS Datasheet HTML 63Page - Microchip Technology PIC16F62XT-04/SS Datasheet HTML 64Page - Microchip Technology PIC16F62XT-04/SS Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 170 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS40300C-page 59
PIC16F62X
10.0 VOLTAGE REFERENCE
MODULE
The Voltage Reference is a 16-tap resistor ladder
network that provides a selectable voltage reference.
The resistor ladder is segmented to provide two ranges
of V
REF values and has a power-down function to
conserve power when the reference is not being used.
The VRCON register controls the operation of the
reference as shown in Figure 10-1. The block diagram
is given in Figure 10-1.
10.1
Configuring the Voltage Reference
The Voltage Reference can output 16 distinct voltage
levels for each range.
The equations used to calculate the output of the
Voltage Reference are as follows:
if V
RR = 1: VREF = (VR<3:0>/24) x VDD
if V
RR = 0: VREF = (VDD x 1/4) + (VR<3:0>/32) x
V
DD
The setting time of the Voltage Reference must be
considered when changing the V
REF output
(Table 17-2). Example 10-1 shows an example of how
to configure the Voltage Reference for an output
voltage of 1.25V with V
DD = 5.0V.
REGISTER 10-1:
VRCON REGISTER (ADDRESS: 9Fh)
FIGURE 10-1:
VOLTAGE REFERENCE BLOCK DIAGRAM
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
VREN
VROE
VRR
—VR3
VR2
VR1
VR0
bit 7
bit 0
bit 7
V
REN: VREF Enable
1
= VREF circuit powered on
0
= VREF circuit powered down, no IDD drain
bit 6
V
ROE: VREF Output Enable
1
= VREF is output on RA2 pin
0
= V
REF is disconnected from RA2 pin
bit 5
V
RR: VREF Range selection
1
= Low Range
0
= High Range
bit 4
Unimplemented: Read as '0'
bit 3-0
V
R<3:0>: VREF value selection 0
≤ VR [3:0] ≤ 15
When V
RR = 1: VREF = (VR<3:0>/ 24) * VDD
When V
RR = 0: VREF = 1/4 * VDD + (VR<3:0>/ 32) * VDD
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown
Note
1: R is defined in Table 17-2.
Vrr
8R
Vr3
Vr0
(From VRCON<3:0>)
16-1 Analog Mux
8R
R
R
R
R
V
REN
Vref
16 Stages
V
DD
V
SS
V
SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com