Electronic Components Datasheet Search
  English  ▼

X  

PIC16F62XT-04/SS Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC16F62XT-04/SS
Description  FLASH-Based 8-Bit CMOS Microcontroller
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F62XT-04/SS Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC16F62XT-04/SS Datasheet HTML 7Page - Microchip Technology PIC16F62XT-04/SS Datasheet HTML 8Page - Microchip Technology PIC16F62XT-04/SS Datasheet HTML 9Page - Microchip Technology PIC16F62XT-04/SS Datasheet HTML 10Page - Microchip Technology PIC16F62XT-04/SS Datasheet HTML 11Page - Microchip Technology PIC16F62XT-04/SS Datasheet HTML 12Page - Microchip Technology PIC16F62XT-04/SS Datasheet HTML 13Page - Microchip Technology PIC16F62XT-04/SS Datasheet HTML 14Page - Microchip Technology PIC16F62XT-04/SS Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 170 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS40300C-page 9
PIC16F62X
TABLE 2-1:
PIC16F62X PINOUT DESCRIPTION
Name
Function
Input Type Output Type
Description
RA0/AN0
RA0
ST
CMOS
Bi-directional I/O port
AN0
AN
—
Analog comparator input
RA1/AN1
RA1
ST
CMOS
Bi-directional I/O port
AN1
AN
—
Analog comparator input
RA2/AN2/V
REF
RA2
ST
CMOS
Bi-directional I/O port
AN2
AN
—
Analog comparator input
V
REF
—AN
V
REF output
RA3/AN3/CMP1
RA3
ST
CMOS
Bi-directional I/O port
AN3
AN
—
Analog comparator input
CMP1
—
CMOS
Comparator 1 output
RA4/T0CKI/CMP2
RA4
ST
OD
Bi-directional I/O port
T0CKI
ST
—
Timer0 clock input
CMP2
—
OD
Comparator 2 output
RA5/MCLR/V
PP
RA5
ST
—
Input port
MCLR
ST
—
Master clear
V
PP
—
—
Programming voltage input. When configured
as MCLR, this pin is an active low RESET to
the device. Voltage on MCLR/V
PP must not
exceed V
DD during normal device operation.
RA6/OSC2/CLKOUT
RA6
ST
CMOS
Bi-directional I/O port
OSC2
XTAL
—
Oscillator crystal output. Connects to crystal
or resonator in Crystal Oscillator mode.
CLKOUT
—
CMOS
In ER/INTRC mode, OSC2 pin can output
CLKOUT, which has 1/4 the frequency of
OSC1
RA7/OSC1/CLKIN
RA7
ST
CMOS
Bi-directional I/O port
OSC1
XTAL
—
Oscillator crystal input
CLKIN
ST
—
External clock source input. ER biasing pin.
RB0/INT
RB0
TTL
CMOS
Bi-directional I/O port. Can be software
programmed for internal weak pull-up.
INT
ST
—
External interrupt.
RB1/RX/DT
RB1
TTL
CMOS
Bi-directional I/O port. Can be software
programmed for internal weak pull-up.
RX
ST
—
USART receive pin
DT
ST
CMOS
Synchronous data I/O.
RB2/TX/CK
RB2
TTL
CMOS
Bi-directional I/O port.
TX
—
CMOS
USART transmit pin
CK
ST
CMOS
Synchronous clock I/O. Can be software
programmed for internal weak pull-up.
RB3/CCP1
RB3
TTL
CMOS
Bi-directional I/O port. Can be software
programmed for internal weak pull-up.
CCP1
ST
CMOS
Capture/Compare/PWM I/O
Legend:
O = Output
CMOS = CMOS Output
P
= Power
— = Not used
I
= Input
ST = Schmitt Trigger Input
TTL = TTL Input
OD
= Open Drain Output
AN = Analog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com