Electronic Components Datasheet Search
  English  ▼

X  

AS22 Datasheet(PDF) 6 Page - Broadcom Corporation.

Part # AS22
Description  Compact size 횠22 횞 10.9 mm
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AS22 Datasheet(HTML) 6 Page - Broadcom Corporation.

  AS22 Datasheet HTML 1Page - Broadcom Corporation. AS22 Datasheet HTML 2Page - Broadcom Corporation. AS22 Datasheet HTML 3Page - Broadcom Corporation. AS22 Datasheet HTML 4Page - Broadcom Corporation. AS22 Datasheet HTML 5Page - Broadcom Corporation. AS22 Datasheet HTML 6Page - Broadcom Corporation. AS22 Datasheet HTML 7Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Broadcom
AS22-Kit-Encoder-DS102
6
AS22 Series Data Sheet
Miniature Kit Encoder
Ordering Information
AS
2
2
-
M
5X
X-
1
Y
Z
Z
Shaft Diameter
01
2mm*
Output Type
Resolution CPR
02
3mm*
2 2 Channel - Voltage (TTL)
Temperature / Index Width
G
360
03
1/8 in.
3 2 Channel - Differential
H
400*
04
5/32 in.*
6 3 Channel - Voltage (TTL)
A
500
05
3/16 in.*
7 3 Channel - Differential
I
512
06
1/4 in.
B
1000
11
4mm*
Through Hole
J
1024
14
5mm
0
T
2000
12
6mm
2
Hole in Cover
U
2048
* Check with Factory for availability
None
4 - 180 ° index
1 - 90 ° index
5 - No Index



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com