Electronic Components Datasheet Search
  English  ▼

X  

AS22 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # AS22
Description  Compact size 횠22 횞 10.9 mm
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AS22 Datasheet(HTML) 1 Page - Broadcom Corporation.

  AS22 Datasheet HTML 1Page - Broadcom Corporation. AS22 Datasheet HTML 2Page - Broadcom Corporation. AS22 Datasheet HTML 3Page - Broadcom Corporation. AS22 Datasheet HTML 4Page - Broadcom Corporation. AS22 Datasheet HTML 5Page - Broadcom Corporation. AS22 Datasheet HTML 6Page - Broadcom Corporation. AS22 Datasheet HTML 7Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data Sheet
Broadcom
AS22-Kit-Encoder-DS102
January 29, 2018
Description
The Broadcom® AS22 Series kit encoder solution offers a
compact size with an overall diameter of 22 mm and height
of 10.9 mm for the space-constrained application.
To meet the growing demand for high-precision application,
the AS22 Series offers a wide range of incremental
resolution, ranging from 360 to 2048 counts per revolution
(cpr).
The encoder provides A and B channel of incremental digital
signal output, as well as a digital index pulse per revolution
enabling the homing positioning operation. The
three-channel solution comes with the optional RS422
compatible differential output offering the high transmission
noise immunity for signal over cable.
To cater to a wide selection of industrial applications, this
encoder is design to operate in a robust environment with
the operating temperature ranging from –20°C to +100°C.
The AS22 Series is designed for ease of use. The kit
solution is engineered with the hassle-free installation,
eliminating the need for a tedious alignment process.
Features
Compact size Ø22 × 10.9 mm
5V operating voltage
–20°C to +100°C operating temperature
Incremental A, B, and Index channels
TTL and RS422 compatible differential output
360 cpr to 2048 cpr
Shaft diameter from 2 mm up to ¼"
Spatial play tolerance of Ø0.15 mm
Allows motor shaft axial play of ±0.25 mm
Hassles-free installation
Rohs compliance
Applications
Industrial automation and robotic
Industrial sewing and textiles machinery
Stepper/servo motor
Factory automation
NOTE: This product is not specifically designed or
manufactured for use in any specific device.
Customers are solely responsible for determining
the suitability of this product for its intended
application and solely liable for all loss, damage,
expense, or liability in connection with such use.
AS22 Series
Miniature Kit Encoder


Similar Part No. - AS22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS2208 ETC-AS2208 Datasheet
32Kb / 6P
Primary Side PWM Controller
AS2208D ETC-AS2208D Datasheet
32Kb / 6P
Primary Side PWM Controller
AS2208N ETC-AS2208N Datasheet
32Kb / 6P
Primary Side PWM Controller
logo
Skyworks Solutions Inc.
AS221-306 SKYWORKS-AS221-306 Datasheet
65Kb / 2P
PHEMT GaAs IC High Power SP4T Switch 0.1 - 2.5 GHz
AS221-306 SKYWORKS-AS221-306 Datasheet
246Kb / 4P
PHEMT GaAs IC High-Power SP4T Switch 0.1-2.5 GHz
More results

Similar Description - AS22

ManufacturerPart #DatasheetDescription
logo
LUXPIA
LBW1035 LUXPIA-LBW1035 Datasheet
337Kb / 17P
3.5 횞 2.7 횞 1.8 mm(L횞W횞H) small size surface mount type
LCH1035 LUXPIA-LCH1035 Datasheet
220Kb / 16P
3.5 횞 2.7 횞 1.8 mm(L횞W횞H) small size surface mount type
LOU1035 LUXPIA-LOU1035 Datasheet
217Kb / 16P
Colorless transparency 3.5 횞 2.7 횞 1.8 mm(L횞W횞H) small size surface mount type
logo
Panasonic Semiconductor
LN216RPH PANASONIC-LN216RPH_08 Datasheet
316Kb / 3P
3.0 mm 횞 7.0 mm
logo
EPCOS
B82471A1 EPCOS-B82471A1 Datasheet
173Kb / 7P
SMT power inductors Size 6.1 횞 5.6 횞 4.9 (mm)
logo
Cypress Semiconductor
CYBLE-212006-01 CYPRESS-CYBLE-212006-01 Datasheet
3Mb / 39P
Module size: 15.00 mm 횞 23.00 mm 횞 2.00 mm
CYBLE-212020-01 CYPRESS-CYBLE-212020-01 Datasheet
3Mb / 37P
Module size: 14.52 mm 횞19.20 mm 횞 2.00 mm (with shield)
CYBLE-214015-01 CYPRESS-CYBLE-214015-01 Datasheet
3Mb / 42P
Module size: 11.0 mm 횞 11.0 mm 횞 1.80 mm (with shield)
CYBLE-224116-01 CYPRESS-CYBLE-224116-01 Datasheet
4Mb / 46P
Module size: 9.5 mm 횞 15.4 mm 횞 1.80 mm (with shield)
logo
MultiDimension Technolo...
TMR3IH17 MULTIDIMENSION-TMR3IH17 Datasheet
721Kb / 4P
Φ17 mm Compact Size Rotary Encoder
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com