Electronic Components Datasheet Search
  English  ▼

X  

SC2642 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC2642
Description  Multi-Platform Two-Phase PWM Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2642 Datasheet(HTML) 5 Page - Semtech Corporation

  SC2642 Datasheet HTML 1Page - Semtech Corporation SC2642 Datasheet HTML 2Page - Semtech Corporation SC2642 Datasheet HTML 3Page - Semtech Corporation SC2642 Datasheet HTML 4Page - Semtech Corporation SC2642 Datasheet HTML 5Page - Semtech Corporation SC2642 Datasheet HTML 6Page - Semtech Corporation SC2642 Datasheet HTML 7Page - Semtech Corporation SC2642 Datasheet HTML 8Page - Semtech Corporation SC2642 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2642
Pin Configurations
Pin Descriptions
Ordering Information
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
11
S
O.
1
t
u
p
n
i
e
s
n
e
s
t
n
e
r
r
u
C
2T
U
O
G
B.
D
N
G
A
o
t
p
a
c
t
r
a
t
s
t
f
o
s
t
c
e
n
n
o
C
.
n
i
p
e
c
n
e
r
e
f
e
r
G
B
3T
U
O
R
R
E
.
D
N
G
A
o
t
k
r
o
w
t
e
n
n
o
i
t
a
s
n
e
p
m
o
c
t
c
e
n
n
o
C
.
t
u
p
t
u
o
r
e
i
f
il
p
m
a
-
r
o
r
r
E
4E
S
N
E
S
G
.
t
e
k
c
o
s
U
P
C
e
h
t
o
t
r
i
a
p
l
a
i
t
e
n
r
e
f
f
i
d
a
s
a
e
c
a
r
t
B
F
h
t
i
w
t
u
o
R
.
D
N
G
r
o
f
e
s
n
e
s
e
t
o
m
e
R
5B
F.
n
i
p
k
c
a
b
d
e
e
F
6P
E
T
S
C
A
D
.
e
t
a
r
w
e
l
s
C
A
D
e
h
t
m
a
r
g
o
r
p
o
t
D
N
G
A
o
t
p
a
c
a
t
c
e
n
n
o
C
.
g
n
i
t
t
e
s
d
e
e
p
s
p
e
t
s
D
I
V
7C
C
V.
p
i
h
c
r
o
f
y
l
p
p
u
s
r
e
w
o
P
84
D
I
V.
B
S
M
D
I
V
93
D
I
V
0
12
D
I
V
1
11
D
I
V
2
10
D
I
V.
B
S
L
D
I
V
3
15
D
I
V
.
X
.
9
M
R
V
r
o
f
V
5
o
t
p
u
-
ll
u
p
5
D
I
V
;
8
-
K
r
o
f
C
C
V
o
t
p
u
-
ll
u
p
5
D
I
V
.
0
1
R
V
r
o
f
t
i
b
V
m
5
.
2
1
4
1D
O
O
G
P.
t
u
p
t
u
o
t
c
e
ll
o
C
n
e
p
O
.
d
o
o
g
r
e
w
o
P
5
1F
E
R
C
S
O.
D
N
G
A
o
t
r
o
t
s
i
s
e
r
a
t
c
e
n
n
o
C
.
g
n
i
t
t
e
s
y
c
n
e
u
q
e
r
f
r
o
t
a
ll
i
c
s
O
6
1D
N
G
A.
s
l
a
n
g
i
s
g
o
l
a
n
a
r
o
f
d
n
u
o
r
g
n
a
e
l
C
7
11
T
U
O.
1
t
u
p
t
u
o
M
W
P
8
12
T
U
O.
2
t
u
p
t
u
o
M
W
P
9
1N
E
S
T
U
O.
e
s
n
e
s
t
u
p
t
u
o
t
c
e
r
i
D
0
22
S
O.
2
t
u
p
n
i
e
s
n
e
s
t
n
e
r
r
u
C
(20-Pin TSSOP)
Top View
r
e
b
m
u
N
t
r
a
Pe
g
a
k
c
a
PT
(
e
g
n
a
R
.
p
m
e
T
J)
R
T
S
T
2
4
6
2
C
S
)
1
(
0
2
-
P
O
S
S
T5
2
1
o
t
0
OC
T
R
T
S
T
2
4
6
2
C
S
)
2
(
)
1
(
0
2
-
P
O
S
S
T5
2
1
o
t
0
OC
B
V
E
2
4
6
2
C
Sd
r
a
o
B
n
o
i
t
a
u
l
a
v
E
Note:
(1) Only available in tape and reel packaging. A reel contains 2500 devices.
(2) Lead free package. Device is fully WEEE and RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com