Electronic Components Datasheet Search
  English  ▼

X  

SC2642 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC2642
Description  Multi-Platform Two-Phase PWM Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2642 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC2642 Datasheet HTML 2Page - Semtech Corporation SC2642 Datasheet HTML 3Page - Semtech Corporation SC2642 Datasheet HTML 4Page - Semtech Corporation SC2642 Datasheet HTML 5Page - Semtech Corporation SC2642 Datasheet HTML 6Page - Semtech Corporation SC2642 Datasheet HTML 7Page - Semtech Corporation SC2642 Datasheet HTML 8Page - Semtech Corporation SC2642 Datasheet HTML 9Page - Semtech Corporation SC2642 Datasheet HTML 10Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2642
Contact Information
Semtech Corporation
Power Management Products Division
200 Flynn Rd., Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
Outline Drawing - TSSOP-20
Land Pattern - TSSOP-20
L
(L 1 )
c
01
GA GE
PL A N E
SE E D E T AI L
DE T A I L
A
A
0.2 5
. 026 B S C
. 252 B S C
20
.0 0 4
. 169
. 251
.1 7 3
.2 5 5
. 007
-
20
0. 1 0
0 . 6 5 BSC
6 . 4 0 BSC
4. 4 0
6. 5 0
-
. 177
. 259
4. 30
6. 40
. 012
0. 19
4.50
6.60
0.30
bx N
2X N / 2 TI P S
S EATIN G
aa a
C
E/ 2
I N DI CA T O R
PI N 1
2X
1
3
2
N
E1
bbb
C
A- B
D
cc c
C
DI M E N S I O N S " E 1 " A N D " D " D O N O T I NCL UDE M O L D F L A S H, P R O T RU S I O N S
3.
O R G A T E B U RRS .
D A T U M S
A N D
T O B E D E T E R M I N E D A T D A T U M P L A N E
C O NT RO L L I N G DI M E NS I O NS A R E I N M I L L I M E T E RS ( A NG L E S I N D E G R E E S ) .
-B -
NO T E S :
1.
2.
-A -
-H -
SI D E V I EW
( . 03 9)
.0 0 4
.0 0 8
-
.0 2 4
-
-
-
-
0°
. 018
. 003
. 031
. 002
-
8°
0°
0. 2 0
0. 1 0
-
8°
0. 45
0. 09
0. 80
0. 05
. 030
. 007
. 047
. 042
. 006
-
(1 . 0 )
0. 6 0
-
0.75
0.20
-
-
-
1.20
1.05
0.15
A
B
C
D
e
e/ 2
H
PL ANE
D
E
A1
A2
A
R E F E R E N C E J E D E C ST D M O - 1 5 3 , VAR I A T I O N AC .
4.
I NCH E S
b
N
cc c
aa a
bb b
01
E1
E
L
L1
e
D
c
A2
A1
DIM
A
MI N
M A X
MI L L I ME T E R S
MIN
DI M E NS I O N S
NO M M A X
NO M
( . 22 2)
( 5 . 6 5 )
Z
G
Y
P
(C )
4. 10
. 161
0. 65
. 026
0. 40
. 016
1. 55
. 061
7. 20
. 283
X
I NCHE S
D I M E NS I O NS
Z
P
Y
X
DI M
C
G
MI L L I M E T E R S
T H I S L A ND P A T T E R N I S F O R R E F E RE NCE P URP O S E S O N L Y .
CO N S U L T Y O U R M A NU F A C T URI N G G R O U P T O E N S URE Y O UR
C O M P AN Y 'S M A N U F A C T U R I N G G U I D EL I N ES AR E M E T .
NO T E S :
1.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com