Electronic Components Datasheet Search
  English  ▼

X  

X95840 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # X95840
Description  Quad Digital Controlled Potentiometers (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X95840 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button X95840 Datasheet HTML 5Page - Renesas Technology Corp X95840 Datasheet HTML 6Page - Renesas Technology Corp X95840 Datasheet HTML 7Page - Renesas Technology Corp X95840 Datasheet HTML 8Page - Renesas Technology Corp X95840 Datasheet HTML 9Page - Renesas Technology Corp X95840 Datasheet HTML 10Page - Renesas Technology Corp X95840 Datasheet HTML 11Page - Renesas Technology Corp X95840 Datasheet HTML 12Page - Renesas Technology Corp X95840 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
X95840
FN8213 Rev 2.00
Page 11 of 13
July 5, 2006
Write Operation
A Write operation requires a START condition, followed by a
valid Identification Byte, a valid Address Byte, a Data Byte, and
a STOP condition. After each of the three bytes, the X95840
responds with an ACK. At this time, if the Data Byte is to be
written only to volatile registers, then the device enters its
standby state. If the Data Byte is to be written also to non-
volatile memory, the X95840 begins its internal write cycle to
non-volatile memory. During the internal non-volatile write
cycle, the device ignores transitions at the SDA and SCL pins,
and the SDA output is at a high impedance state. When the
internal non-volatile write cycle is completed, the X95840
enters its standby state (See Figure 17).
The byte at address 00001000 bin (8 decimal) determines if
the Data Byte is to be written to volatile and/or non-volatile
memory. See “Memory Description” on page 9.
Data Protection
The WP pin has to be at logic HIGH to perform any Write
operation to the device. When the WP is active (LOW) the
device ignores Data Bytes of a Write Operation, does not
respond to the Data Bytes with an ACK, and instead, goes to
its standby state waiting for a new START condition.
A STOP condition also acts as a protection of non-volatile
memory. A valid Identification Byte, Address Byte, and total
number of SCL pulses act as a protection of both volatile and
non-volatile registers. During a Write sequence, the Data Byte
is loaded into an internal shift register as it is received. If the
Address Byte is 0, 1, 2, 3, or 8 decimal, the Data Byte is
transferred to the appropriate Wiper Register (WR) or to the
Access Control Register, at the falling edge of the SCL pulse
that loads the last bit (LSB) of the Data Byte. If the Address
Byte is between 0 and 6 (inclusive), and the Access Control
Register is all zeros (default), then the STOP condition initiates
the internal write cycle to non-volatile memory.
Read Operation
A Read operation consist of a three byte instruction followed by
one or more Data Bytes (See Figure 18). The master initiates
the operation issuing the following sequence: a START, the
Identification byte with the R/W bit set to “0”, an Address Byte,
a second START, and a second Identification byte with the R/W
bit set to “1”. After each of the three bytes, the X95840
responds with an ACK. Then the X95840 transmits Data Bytes
as long as the master responds with an ACK during the SCL
cycle following the eight bit of each byte. The master
terminates the read operation (issuing a STOP condition)
following the last bit of the last Data Byte (See Figure 18).
SDA Output from
Transmitter
SDA Output from
Receiver
8
1
9
START
ACK
SCL from Master
High Impedance
High Impedance
FIGURE 16. ACKNOWLEDGE RESPONSE FROM RECEIVER
S
t
a
r
t
S
t
o
p
Identification
Byte
Address
Byte
Data
Byte
A
C
K
Signals from the
Master
Signals from the
X95840
A
C
K
1
0
1
00
A
C
K
Write
Signal at SDA
00 0 0
A2A1A0
FIGURE 17. BYTE WRITE SEQUENCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com