Electronic Components Datasheet Search
  English  ▼

X  

X95840 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # X95840
Description  Quad Digital Controlled Potentiometers (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X95840 Datasheet(HTML) 2 Page - Renesas Technology Corp

  X95840 Datasheet HTML 1Page - Renesas Technology Corp X95840 Datasheet HTML 2Page - Renesas Technology Corp X95840 Datasheet HTML 3Page - Renesas Technology Corp X95840 Datasheet HTML 4Page - Renesas Technology Corp X95840 Datasheet HTML 5Page - Renesas Technology Corp X95840 Datasheet HTML 6Page - Renesas Technology Corp X95840 Datasheet HTML 7Page - Renesas Technology Corp X95840 Datasheet HTML 8Page - Renesas Technology Corp X95840 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
X95840
FN8213 Rev 2.00
Page 2 of 13
July 5, 2006
Block Diagram
RH3
WR3
DCP3
RW3
RL3
RH2
WR2
DCP2
RW2
RL2
RH1
WR1
DCP1
RW1
RL1
RH0
WR0
DCP0
RW0
RL0
POWER-UP,
INTERFACE,
CONTROL AND
StAtus LOGIC
NON-VOLATILE
REGISTERS
I2C
INTERFACE
SDA
SCL
A2
A1
A0
WP
GND
VCC
Pin Descriptions
TSSOP PIN
SYMBOL
DESCRIPTION
1
RH3
“High” terminal of DCP3
2
RL3
“Low” terminal of DCP3
3
RW3
“Wiper” terminal of DCP3
4
A2
Device address for the
I2C interface
5SCL
I2C interface clock
6
SDA
Serial data I/O for the
I2C interface
7
GND
Device ground pin
8
RW2
“Wiper” terminal of DCP2
9
RL2
“Low” terminal of DCP2
10
RH2
“High” terminal of DCP2
11
RW1
“Wiper” terminal of DCP1
12
RL1
“Low” terminal of DCP1
13
RH1
“High” terminal of DCP1
14
A0
Device address for the
I2C interface
15
A1
Device address for the
I2C interface
16
VCC
Power supply pin
17
WP
Hardware write protection pin. Active low. Prevents any “Write” operation of the
I2C interface.
18
RH0
“High” terminal of DCP0
19
RL0
“Low” terminal of DCP0
20
RW0
“Wiper” terminal of DCP0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com