Electronic Components Datasheet Search
  English  ▼

X  

BD62011FS Datasheet(PDF) 11 Page - Rohm

Part # BD62011FS
Description  3-Phase Brushless Fan Motor Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD62011FS Datasheet(HTML) 11 Page - Rohm

Back Button BD62011FS Datasheet HTML 7Page - Rohm BD62011FS Datasheet HTML 8Page - Rohm BD62011FS Datasheet HTML 9Page - Rohm BD62011FS Datasheet HTML 10Page - Rohm BD62011FS Datasheet HTML 11Page - Rohm BD62011FS Datasheet HTML 12Page - Rohm BD62011FS Datasheet HTML 13Page - Rohm BD62011FS Datasheet HTML 14Page - Rohm BD62011FS Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11/20
Datasheet
Datasheet
BD62011FS
TSZ02201-0828ABB00040-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
01.OCT.2014 Rev.004
http://www.rohm.com
TSZ22111 · 15 · 001
 Typical Performance Curves (Reference data) - Continued
Figure 15. Hall comparator hysteresis voltage
Figure 16. VSP input bias current
Figure 13. Low side output voltage
Figure 14. Hall comparator input bias current
(XH, XL)
(HXP, HXN)
0.0
0.4
0.8
1.2
1.6
0
4
8
12
16
Output Current : IOUT [mA]
110°C
25°C
-40°C
-0.20
-0.15
-0.10
-0.05
0.00
01
23
4
Input Voltage : VINHXP [V]
110°C
25°C
-40°C
-1
0
1
2
3
4
5
6
-30
-15
0
15
30
Differential Voltage : VHUP-VHUN [mV]
110°C
25°C
-40°C
110°C
25°C
-40°C
0
50
100
150
200
0
5
10
15
20
VSP Voltage : VSP [V]
110°C
25°C
-40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com