Electronic Components Datasheet Search
  English  ▼

X  

BD62011FS Datasheet(PDF) 16 Page - Rohm

Part # BD62011FS
Description  3-Phase Brushless Fan Motor Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD62011FS Datasheet(HTML) 16 Page - Rohm

Back Button BD62011FS Datasheet HTML 12Page - Rohm BD62011FS Datasheet HTML 13Page - Rohm BD62011FS Datasheet HTML 14Page - Rohm BD62011FS Datasheet HTML 15Page - Rohm BD62011FS Datasheet HTML 16Page - Rohm BD62011FS Datasheet HTML 17Page - Rohm BD62011FS Datasheet HTML 18Page - Rohm BD62011FS Datasheet HTML 19Page - Rohm BD62011FS Datasheet HTML 20Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
16/20
Datasheet
Datasheet
BD62011FS
TSZ02201-0828ABB00040-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
01.OCT.2014 Rev.004
http://www.rohm.com
TSZ22111 · 15 · 001
 Application Circuit Example
Figure 33. Application circuit example (180° sinusoidal commutation driver)
Parts list
Parts
Value
Manufacturer
Type
Parts
Value
Ratings
Type
IC1
-
ROHM
BD62011FS
C1
0.1µF
50V
Ceramic
IC2
-
ROHM
BM6202FS
C2~4
2200pF
50V
Ceramic
R1
1k
Ω
ROHM
MCR18EZPF1001
C5
10
µF
50V
Ceramic
R2
150
Ω
ROHM
MCR18EZPJ151
C6
10
µF
50V
Ceramic
R3
22k
Ω
ROHM
MCR18EZPF2202
C7~9
1µF
50V
Ceramic
R4
100k
Ω
ROHM
MCR18EZPF1003
C10
0.1µF
50V
Ceramic
R5
51k
Ω
ROHM
MCR18EZPF5102
C11
1µF
50V
Ceramic
R6
0.5
Ω
ROHM
MCR50JZHFL1R50 x 3
C12
100pF
50V
Ceramic
R7
10k
Ω
ROHM
MCR18EZPF1002
C13
0.1µF
630V
Ceramic
R8
0
Ω
ROHM
MCR18EZPJ000
C14
0.1µF
50V
Ceramic
R9
0
Ω
ROHM
MCR18EZPJ000
HX
-
-
Hall elements
Q1
-
ROHM
DTC124EUA
D1
-
ROHM
KDZ20B
R8
R9
VREG
VREG
C5
HU
HV
HW
VSP
FG
DTR
VCC
GND
M
VDC
IC1
IC2
R1
R2
R3
R4
R5
R6
R7
Q1
C1
C2~C4
C6
C7
C8
C9
C10
C11
C12
C13
D1
C14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com